Electronic Components Datasheet Search
  English  ▼

X  

HMC628LP4 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC628LP4
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC628LP4 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC628LP4 Datasheet HTML 6Page - Analog Devices HMC628LP4 Datasheet HTML 7Page - Analog Devices HMC628LP4 Datasheet HTML 8Page - Analog Devices HMC628LP4 Datasheet HTML 9Page - Analog Devices HMC628LP4 Datasheet HTML 10Page - Analog Devices HMC628LP4 Datasheet HTML 11Page - Analog Devices HMC628LP4 Datasheet HTML 12Page - Analog Devices HMC628LP4 Datasheet HTML 13Page - Analog Devices HMC628LP4 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
12 - 47
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Evaluation PCB
The circuit board used in the application should
use RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown. A
sufficient number of via holes should be used to con-
nect the top and bottom ground planes. The evalua-
tion circuit board shown is available from Hittite upon
request.
List of Materials for Evaluation PCB See Table[1]
Item
Description
J1, J2
PCB Mount SMA Connector
J3
18 Pin DC Connector
J6, J7
DC Pin
C1, C3
100 pF Capacitor, 0402 Pkg.
C2
4.7 μF Capacitor, 0805 Pkg.
C4
0.1 μF Capacitor, 0402 Pkg.
C6, C14
0402 Pkg.[1]
C5 - C7, C9 - C12
1000 pF Capacitor, 0402 Pkg.
C8
10 kpF Capacitor, 0805 Pkg.
R1 - R12
100 kOhm Resistor, 0402 Pkg.
R15 - R19
39 kOhm Resistor, 0402 Pkg.
R23
1.4 kOhm Resistor, 0603 Pkg.
L1, L2
270 nH Inductor, 0603 Pkg.
L3
0402 Pkg.[1]
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Item
Description
SW1, SW2
SPDT 4 Position Dip Switch
U1
HMC628LP4(E) Variable Gain Amplifier
PCB [2]
118413 Evaluation PCB
[1] When requesting an evaluation board, please reference the
appropriate PCB number listed in the table “Components for
Selected Frequencies.”
[2] Circuit Board Material: Arlon 25FR / FR4
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com