Electronic Components Datasheet Search
  English  ▼

X  

LM4801 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4801 Datasheet HTML 6Page - National Semiconductor (TI) LM4801 Datasheet HTML 7Page - National Semiconductor (TI) LM4801 Datasheet HTML 8Page - National Semiconductor (TI) LM4801 Datasheet HTML 9Page - National Semiconductor (TI) LM4801 Datasheet HTML 10Page - National Semiconductor (TI) LM4801 Datasheet HTML 11Page - National Semiconductor (TI) LM4801 Datasheet HTML 12Page - National Semiconductor (TI) LM4801 Datasheet HTML 13Page - National Semiconductor (TI) LM4801 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LDO Typical Performance Characteristics Unless otherwise specified, V
IN =VOUT + 0.5V, CIN =
COUT = 2.2µF, CCC = 33nF, TJ = 25˚C, VSHDN =VIN. (Continued)
Output Noise Spectral Density
Output Noise (10Hz to 100kHz)
200736A8
200736A9
Output Impedance vs. Frequency
Line Transient Response
200736B0
200736B1
Load Transient
Shutdown Response
200736B2
200736B3
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com