Electronic Components Datasheet Search
  English  ▼

X  

LM4801 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4801 Datasheet HTML 12Page - National Semiconductor (TI) LM4801 Datasheet HTML 13Page - National Semiconductor (TI) LM4801 Datasheet HTML 14Page - National Semiconductor (TI) LM4801 Datasheet HTML 15Page - National Semiconductor (TI) LM4801 Datasheet HTML 16Page - National Semiconductor (TI) LM4801 Datasheet HTML 17Page - National Semiconductor (TI) LM4801 Datasheet HTML 18Page - National Semiconductor (TI) LM4801 Datasheet HTML 19Page - National Semiconductor (TI) LM4801 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information (Continued)
The LDO generates an internal zero that makes up for the
inadequately high zero of the low ESR ceramic output ca-
pacitor. This internally generated zero is strategically placed
to provide positive phase shift near unity gain, thus providing
a stable phase margin.
No-Load Stability
The LM4801 remains stable during no-load conditions, a
necessary feature for CMOS RAM keep-alive applications.
Input Capacitor
The LM4801 requires a minimum input capacitance of about
1µF. The value may be increased indefinitely. The type is not
critical to stability. However, instability may occur with bench
set-ups where long supply leads are used, particularly at
near dropout and high current conditions. This is attributed to
the lead inductance coupling to the output through the gate
oxide of the pass transistor; thus, forming a pseudo LCR
network within the Loop-gain. A 10µF tantalum input capaci-
tor remedies this non-situ condition; its larger ESR acts to
dampen the pseudo LCR network. This may only be neces-
sary for some bench setups. 1µF ceramic input capacitor are
fine for most end-use applications.
If a tantalum input capacitor is intended for the final applica-
tion, it is important to consider their tendency to fail in short
circuit mode, thus potentially damaging the part.
Noise Bypass Capacitor
The noise bypass capacitor (CC) significantly reduces the
LDO’soutput noise. Connect the CC capacitor between pin 6
and ground. The optimum value for CC is 33nF.
Pin 6 directly connects to the high impedance output of the
bandgap. The DC leakage of the CC capacitor should be
considered; loading down the reference will reduce the out-
put voltage. NPO and COG ceramic capacitors typically offer
very low leakage. Polypropylene and polycarbonate film car-
bonate capacitor offer even lower leakage currents.
CC does not affect the transient response; however, it does
affect turn-on time. The smaller the CC value, the quicker the
turn-on time.
Power Dissipation
Power dissipation refers to the part’s ability to radiate heat
away from the silicon, with packaging being a key factor. A
reasonable analogy is the packaging a human being might
wear, a jacket for example. A jacket keeps a person comfort-
able on a cold day, but not so comfortable on a hot day. It
would be even worse if the person was exerting power
(exercising). This is because the jacket has resistance to
heat flow to the outside ambient air, like the IC package has
a thermal resistance from its junctions to the ambient (
θ
JA).
θ
JA has a unit of temperature per power and can be used to
calculate the IC’s junction temperature as follows:
T
J =
θ
JA (PD) + TA
T
J is the junction temperature of the IC.
θ
JA is the thermal
resistance from the junction to the ambient air outside the
package. PD is the power exerted by the IC, and T
A is the
ambient temperature.
PD is calculated as follows:
PD=I
OUT (VIN -VO)
θ
JA for the LM4801 package (MSOP-8) is 223˚C/W with no
forced air flow, 182˚C/W with 225 linear feet per minute
(LFPM) of air flow, 163˚C/W with 500 LFPM of air flow, and
149˚C/W with 900 LFPM of air flow.
θ
JA can also be decreased (improved) by considering the
layout of the PC board: heavy traces (particularly at V
IN and
the two V
OUT pins), large planes, through-holes, etc.
Improvements and absolute measurements of the
θ
JA can
be estimated by utilizing the thermal shutdown circuitry that
is internal to the IC. The thermal shutdown turns off the pass
transistor of the device when its junction temperature
reaches 160˚C (Typical). The pass transistor doesn’t turn on
again until the junction temperature drops about 10˚C (hys-
teresis).
Using the thermal shutdown circuit to estimate ,
θ
JA can be
done as follows: With a low input to output voltage differen-
tial, set the load current to 300mA. Increase the input voltage
until the thermal shutdown begins to cycle on and off. Then
slowly decrease V
IN (100mV increments) until the part stays
on. Record the resulting voltage differential (V
D) and use it in
the following equation:
Fault Detection
The LDO provides a FAULT pin that goes low during out of
regulation conditions like current limit and thermal shutdown,
or when it approaches dropout. The latter monitors the input-
to-output voltage differential and compares it against a
threshold that is slightly above the dropout voltage. This
threshold also tracks the dropout voltage as it varies with
load current. Refer to Fault Detect vs. Load Current curve in
the typical characteristics section.
The FAULT pin requires a pull-up resistor since it is an
open-drain output. This resistor should be large in value to
reduce energy drain. A 100k
Ω pull-up resistor works well for
most applications.
Figure 6 shows the LDO’s with delay added to the FAULT pin
for the reset pin of a microprocessor. The output of the
comparator stays low for a preset amount of time after the
regulator comes out of a fault condition.
200736B8
FIGURE 5. Loop Gain Bode Plot Illustrating
Inadequately High Zero for Stability Compensation
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com