Electronic Components Datasheet Search
  English  ▼

X  

LM4801MH Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801MH
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801MH Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4801MH Datasheet HTML 1Page - National Semiconductor (TI) LM4801MH Datasheet HTML 2Page - National Semiconductor (TI) LM4801MH Datasheet HTML 3Page - National Semiconductor (TI) LM4801MH Datasheet HTML 4Page - National Semiconductor (TI) LM4801MH Datasheet HTML 5Page - National Semiconductor (TI) LM4801MH Datasheet HTML 6Page - National Semiconductor (TI) LM4801MH Datasheet HTML 7Page - National Semiconductor (TI) LM4801MH Datasheet HTML 8Page - National Semiconductor (TI) LM4801MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings
Stereo Amplifier(Notes 1, 5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Amplifier Supply Voltage (pins 5, 24)
6.0V
LDO-V
CC, LDO-OUT, LDO-SHDN,
ADJ, CC, FAULT (pins 11-15, 17,19)
−0.3V to 6.5V
Fault Sink Current
20mA
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 2)
Internally limited
ESD Susceptibility(Note 3)
2000V
ESD Susceptibility (Note 4)
200V
Junction Temperature
150˚C
Solder Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliablilty” for other methods of soldering
surface mount devices.
Thermal Resistance
θ
JC (typ) — MXA28A
20˚C/W
θ
JA (typ) — MXA28A (Note 2)
41˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
Pins 5, 24
3.0V
≤ V
DD
≤ 5.5V
Pin 17
2.5V
≤ V
CC
≤ 6.0V
Stereo Amplifier Electrical Characteristics for Entire IC (Notes 1, 5)
The following specifications apply for V
DD = 5V unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4801
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
3
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
8
20
3.5
mA (max)
mA (min)
I
SD
Shutdown Current
V
DD applied to the SHUTDOWN pin
0.07
2
µA (min)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power (Note 13)
THD+N = 1%, f = 1kHz, R
L =8
Ω
1.1
1.0
W (min)
THD+N = 10%, f = 1kHz, R
L =8
Ω
1.5
W
THD+N
Total Harmonic Distortion+Noise
20Hz
≤ f ≤ 20kHz, A
VD =2
R
L =8
Ω,P
O =1W
0.13
%
PSRR
Power Supply Rejection Ratio
V
DD = 5V, VRIPPLE = 200mVRMS,
R
L =8
Ω,C
B = 1.0µF
Inputs Floating
Inputs terminated with 10
Ω
67
43
dB
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 1.0µF
90
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 1W, RL =8
Ω
98
dB
LDO Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V
IN =VO +0.5V (Note 10), VSHDN =VIN,CIN =COUT = 2.2µF, CCC = 33nF,
T
J = 25˚C. Boldface limits apply for the operating temperature extremes: −40˚C and 85˚C.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
IN
Input Voltage
2.5
6.0
V
∆V
O
Output Voltage Tolerance
100µA
≤ I
OUT
≤ 300mA
V
IN =VO + 0.5V (Note 7)
SET = OUT
-2
+2
%of
V
OUT (NOM)
-3
+3
V
O
Output Adjust Range
1.25
6
V
I
O
Maximum Output Current
Average DC Current Rating
300
mA
I
LIMIT
Output Current Limit
330
770
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com