Electronic Components Datasheet Search
  English  ▼

X  

LM4801MH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801MH
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801MH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4801MH Datasheet HTML 1Page - National Semiconductor (TI) LM4801MH Datasheet HTML 2Page - National Semiconductor (TI) LM4801MH Datasheet HTML 3Page - National Semiconductor (TI) LM4801MH Datasheet HTML 4Page - National Semiconductor (TI) LM4801MH Datasheet HTML 5Page - National Semiconductor (TI) LM4801MH Datasheet HTML 6Page - National Semiconductor (TI) LM4801MH Datasheet HTML 7Page - National Semiconductor (TI) LM4801MH Datasheet HTML 8Page - National Semiconductor (TI) LM4801MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LDO Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for V
IN =VO +0.5V (Note 10), VSHDN =VIN,CIN =COUT = 2.2µF, CCC = 33nF,
T
J = 25˚C. Boldface limits apply for the operating temperature extremes: −40˚C and 85˚C.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
I
Q
Supply Current
I
OUT = 0mA
90
270
µA
I
OUT = 300mA
225
Shutdown Supply Current
V
O = 0V, SHDN = GND
0.001
1
µA
V
DO
Dropout Voltage
(Note 10), (Note 11)
I
OUT = 1mA
0.4
mV
I
OUT = 200mA
80
220
I
OUT = 300mA
120
∆V
O
Line Regulation
I
OUT = 1mA, (VO + 0.5V)
≤ V
I
≤ 6V
(Note 10)
-0.1
0.01
0.1
%/V
Load Regulation
100µA
≤ I
OUT
≤ 300mA
0.002
%/mA
e
n
Output Voltage Noise
I
OUT = 10mA, 10Hz
≤ f ≤ 100kHz
37
µV
RMS
Output Voltage Noise Density
10Hz
≤ f ≤ 100kHz, C
OUT = 10µF
190
nV/
V
SHDN
SHDN Input Threshold
V
IH,(VO + 0.5V)
≤ V
I
≤ 6V
(Note 10)
2
V
V
IL,(VO + 0.5V)
≤ V
I
≤ 6V
0.4
I
SHDN
SHDN Input Bias Current
SHDN = GND or IN
0.1
100
nA
I
SET
SET Input Leakage
SET = 1.3V
0.1
2.5
nA
V
FAULT
FAULTDetection Voltage
V
O
≥ 2.5V, I
OUT = 200mA (Note
12)
120
280
mV
FAULT Output Low Voltage
I
SINK = 2mA
0.115
0.25
V
I
FAULT
FAULT Off-Leakage Current
FAULT = 3.6V, SHDN = 0V
0.1
100
nA
T
SD
Thermal Shutdown
Temperature
160
˚C
Thermal Shutdown Hysteresis
10
T
ON
Start-Up Time
C
OUT = 10µF, VO at 90% of Final
Value
120
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: The maximum power dissipation is dictated by TJMAX, θJA, and the ambient temperature TA and must be derated at elevated temperatures. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA. For the LM4801, TJMAX = 150˚C. The θJAfor the LM4801 in the 28-pin MXA28A package, when board
mounted and its DAP is soldered to a 2in2 copper heatsink plane, is 41˚C/W.
Note 3: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 4: Machine model, 220pF–240pF discharged through all pins.
Note 5: All voltages are measured with respect to the ground (GND) pins unless otherwise specified.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 9: Output power is measured at the device terminals.
Note 10: Condition does not apply to input voltages below 2.5V since this is the minimum input operating voltage.
Note 11: Dropout voltage is measured by reducing VIN until VO drops 100mV from its nominal value at VIN -VO = 0.5V. Dropout Voltage does not apply to the 1.8
version.
Note 12: The FAULT detection voltage is specified for the input to output voltage differential at which the FAULT pin goes active low.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com