Electronic Components Datasheet Search
  English  ▼

X  

MAX1144BCAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1144BCAP
Description  14-Bit ADCs, 150ksps, 3.3V Single Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1144BCAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1144BCAP Datasheet HTML 9Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 10Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 11Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Input Acquisition and Settling
Clocking in a control byte starts input acquisition. The
main capacitor array starts acquiring the input as soon
as a start bit is recognized, using the same input range
as the previous conversion. If the opposite input range
is selected by the second DIN bit, the part immediately
switches to the new sampling mode. Acquisition time is
one-and-a-half clock cycles shorter when switching
from unipolar to bipolar or bipolar to unipolar modes
than when continuously converting in the same mode.
Acquisition can be extended by eight clock cycles by
setting M1 = 1 and M0 = 1 (long acquisition mode). The
sampling instant in short acquisition completes on the
falling edge of the sixth clock cycle after the start bit
(Figure 2). Acquisition is 5 clock cycles in short acquisi-
tion mode and 13 clock cycles in long acquisition
mode. Short acquisition mode is 24 clock cycles per
conversion. Using the external clock to run the conver-
sion process limits unipolar conversion speed to
125ksps instead of 150ksps as in bipolar mode. The
input resistance in unipolar mode is larger than that of
bipolar mode (Figure 1). The RC time constant in unipo-
lar mode is larger than that of bipolar mode, reducing
the maximum conversion rate in 24 external clock
mode. Long acquisition mode with external clock
allows both unipolar and bipolar sampling of 112ksps
as (3.6MHz / 32 clock cycles) by adding eight extra
clock cycles to the conversion.
Most applications require an input buffer amplifier. If
the input signal is multiplexed, the input channel should
be switched immediately after acquisition, rather than
near the end of or after a conversion. This allows more
time for the input buffer amplifier to respond to a large
step change in input signal. The input amplifier must
have a high enough slew rate to complete the required
output voltage change before the beginning of the
acquisition time.
At the beginning of acquisition, the capacitive DAC is
connected to the amplifier output, causing some output
disturbance. Ensure that the sampled voltage has set-
tled to within the required limits before the end of the
acquisition time. If the frequency of interest is low, AIN
can be bypassed with a large enough capacitor to
charge the capacitive DAC with very little change in
voltage. However, for AC use, AIN must be driven by a
wideband buffer (at least 10MHz), which must be sta-
ble with the DAC’s capacitive load (in parallel with any
AIN bypass capacitor used) and also must settle quickly
(Figure 7).
Digital Noise
Digital noise can couple to AIN and REF. The conver-
sion clock (SCLK) and other digital signals that are
active during input acquisition contribute noise to the
conversion result. If the noise signal is synchronous to
the sampling interval, an effective input offset is pro-
duced. Asynchronous signals produce random noise
on the input, whose high-frequency components may
be aliased into the frequency band of interest. Minimize
noise by presenting a low impedance (at the frequen-
cies contained in the noise signal) at the inputs. This
requires bypassing AIN to AGND, or buffering the input
with an amplifier that has a small-signal bandwidth of
several MHz, or preferably both. AIN has a bandwidth
of about 4MHz.
Offsets resulting from synchronous noise (such as the
conversion clock) are canceled by the MAX1144/
MAX1145’s calibration scheme. However, because the
14-Bit ADCs, 150ksps, 3.3V Single Supply
______________________________________________________________________________________
13
4
7
6
2
3
IN
VCC
VEE
0.0033
µF
0.1
µF
0.1
µF
100pF
1k
Ω
1k
Ω
AIN
Figure 7. AIN Buffer for AC/DC Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com