Electronic Components Datasheet Search
  English  ▼

X  

MAX1144BCAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1144BCAP
Description  14-Bit ADCs, 150ksps, 3.3V Single Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1144BCAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1144BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX1144BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
14-Bit ADCs, 150ksps, 3.3V Single Supply
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = 3.3V ±5%, fSCLK = 3.6MHz, external clock (50% duty cycle), 24 clocks/conversion (150ksps), bipolar input, VREF =
2.048V, CREF = 4.7µF, CCREF = 1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND, DVDD to DGND ..............................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AIN to AGND ....................................................................±16.5V
CREF, REF to AGND ................................-0.3V to (AVDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
Digital Outputs to DGND .........................-0.3V to (DVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
Operating Temperature Ranges
MAX114_ _CAP...................................................0°C to +70°C
MAX114_ _EAP ................................................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
14
Bits
MAX114_A
±1
Relative Accuracy
INL
Bipolar mode (Note 2)
MAX114_B
±2
LSB
No Missing Codes
14
Bits
MAX114_A
-1
+1
Differential Nonlinearity
DNL
Bipolar mode
MAX114_B
-1.00
+1.75
LSB
Transition Noise
0.47
LSBRMS
Unipolar
±4
Offset Error
Bipolar
±6
mV
Unipolar
±0.2
Gain Error (Note 3)
Bipolar
±0.3
%FSR
Offset Drift (Bipolar and Unipolar)
Excluding reference drift
±1
ppm/°C
Gain Drift (Bipolar and Unipolar)
Excluding reference drift
±4
ppm/°C
DYNAMIC SPECIFICATIONS (5kHz SINE-WAVE INPUT, 150ksps, 3.6MHZ CLOCK, BIPOLAR INPUT MODE. MAX1144, 12VP-P. MAX1145,
4.096VP-P.)
fIN = 5kHz
78
82
Signal-to-Noise Plus Distortion
(SINAD)
fIN = 75kHz
81
dB
fIN = 5kHz
78
82
Signal-to-Noise Ratio
(SNR)
fIN = 75kHz
81
dB
fIN = 5kHz
-100
-90
Total Harmonic Distortion
(THD)
fIN = 75kHz
-94
dB
fIN = 5kHz
92
105
Spurious-Free-Dynamic Range
(SFDR)
fIN = 75kHz
98
dB
ANALOG INPUT
Unipolar
0
+6
MAX1144
Bipolar
-6
+6
Unipolar
0
+2.048
Input Range
MAX1145
Bipolar
-2.048
+2.048
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com