Electronic Components Datasheet Search
  English  ▼

X  

MMRF1013H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1013H
Description  RF Power LDMOS Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1013H Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1013H Datasheet HTML 1Page - NXP Semiconductors MMRF1013H Datasheet HTML 2Page - NXP Semiconductors MMRF1013H Datasheet HTML 3Page - NXP Semiconductors MMRF1013H Datasheet HTML 4Page - NXP Semiconductors MMRF1013H Datasheet HTML 5Page - NXP Semiconductors MMRF1013H Datasheet HTML 6Page - NXP Semiconductors MMRF1013H Datasheet HTML 7Page - NXP Semiconductors MMRF1013H Datasheet HTML 8Page - NXP Semiconductors MMRF1013H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1013HR5 MMRF1013HSR5
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
IV
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =30 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID = 345 Adc)
VGS(th)
1.0
1.9
2.5
Vdc
Gate Quiescent Voltage (2)
(VDD =30 Vdc, ID = 100 mAdc, Measured in Functional Test)
VGS(Q)
1.5
2.3
3.0
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
0.1
0.18
0.3
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =30 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
2.53
—
pF
Output Capacitance
(VDS =30 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
470
—
pF
Input Capacitance
(VDS =30 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
264
—
pF
Functional Tests (2) (In Freescale Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ = 100 mA, Pout = 320 W Peak (32 W Avg.),
f = 2900 MHz, 100 sec Pulse Width, 10% Duty Cycle
Power Gain
Gps
12.0
13.3
15.0
dB
Drain Efficiency
D
47.0
50.5
—
%
Input Return Loss
IRL
—
--17
--9
dB
Typical Pulse RF Performance (In Freescale 2x3 Compact Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ = 100 mA, Pout = 320 W
Peak (32 W Avg.), 300 sec Pulse Width, 10% Duty Cycle
Frequency
Gps
(dB)
D
(%)
IRL
(dB)
2700 MHz
13.9
49.3
--11
2800 MHz
14.0
49.8
--18
2900 MHz
13.0
49.6
--15
1. Each side of device measured separately.
2. Measurement made with device in push--pull configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com