Electronic Components Datasheet Search
  English  ▼

X  

MMRF1013H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1013H
Description  RF Power LDMOS Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1013H Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1013H Datasheet HTML 1Page - NXP Semiconductors MMRF1013H Datasheet HTML 2Page - NXP Semiconductors MMRF1013H Datasheet HTML 3Page - NXP Semiconductors MMRF1013H Datasheet HTML 4Page - NXP Semiconductors MMRF1013H Datasheet HTML 5Page - NXP Semiconductors MMRF1013H Datasheet HTML 6Page - NXP Semiconductors MMRF1013H Datasheet HTML 7Page - NXP Semiconductors MMRF1013H Datasheet HTML 8Page - NXP Semiconductors MMRF1013H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MMRF1013HR5 MMRF1013HSR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
RF power transistors designed for aerospace and defense S--band radar
pulse applications operating at frequencies between 2700 and 3200 MHz.
 Typical Pulse Performance: VDD =30 Vdc,IDQ = 100 mA
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
D
(%)
IRL
(dB)
Pulse (100 sec,
10% Duty Cycle)
320 Peak
2900
13.3
50.5
--17
 Capable of Handling 10:1 VSWR @ 32 Vdc, 2900 MHz, 320 W Peak Power,
300 sec, 10% Duty Cycle (3 dB Input Overdrive from Rated Pout)
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 Internally Matched for Ease of Use
 Qualified Up to a Maximum of 32 VDD Operation
 Integrated ESD Protection
 Designed for Push--Pull Operation
 Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
 In Tape and Reel. R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1,2)
TJ
225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 61C, 320 W Peak, 300 sec Pulse Width, 10% Duty Cycle, 100 mA, 2900 MHz
Case Temperature 69C, 320 W Peak, 500 sec Pulse Width, 20% Duty Cycle, 100 mA, 2900 MHz
ZJC
0.06
0.10
C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMRF1013H
Rev. 0, 7/2014
Freescale Semiconductor
Technical Data
2700--2900 MHz, 320 W, 30 V
PULSE S--BAND
RF POWER MOSFETs
MMRF1013HR5
MMRF1013HSR5
NI--1230H--4S
MMRF1013HR5
PARTS ARE PUSH--PULL
NI--1230S--4S
MMRF1013HSR5
Figure 1. Pin Connections
(Top View)
Drain A
31
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistors.
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MMRF1013H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1011H NXP-MMRF1011H Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HR5 NXP-MMRF1011HR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HSR5 NXP-MMRF1011HSR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1012N NXP-MMRF1012N Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
MMRF1012NR1 NXP-MMRF1012NR1 Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - MMRF1013H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com