Electronic Components Datasheet Search
  English  ▼

X  

MMRF1024HS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1024HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1024HS Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1024HS Datasheet HTML 1Page - NXP Semiconductors MMRF1024HS Datasheet HTML 2Page - NXP Semiconductors MMRF1024HS Datasheet HTML 3Page - NXP Semiconductors MMRF1024HS Datasheet HTML 4Page - NXP Semiconductors MMRF1024HS Datasheet HTML 5Page - NXP Semiconductors MMRF1024HS Datasheet HTML 6Page - NXP Semiconductors MMRF1024HS Datasheet HTML 7Page - NXP Semiconductors MMRF1024HS Datasheet HTML 8Page - NXP Semiconductors MMRF1024HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1024HS
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +65
Vdc
Gate--Source Voltage
VGS
–6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
°C
Case Operating Temperature Range
TC
–40 to +150
°C
Operating Junction Temperature Range (1)
TJ
–40 to +225
°C
CW Operation @ TC =25°C
Derate above 25°C
CW
294
1.7
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 78°C, 50 W Avg., W--CDMA, 28 Vdc, IDQA = 700 mA, VGSB =0.4 Vdc,
2590 MHz
RθJC
0.42
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2, passes 2500 V
Machine Model (per EIA/JESD22--A115)
B, passes 250 V
Charge Device Model (per JESD22--C101)
IV, passes 1200 V
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (3)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
μAdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics -- Side A (Carrier) (3)
Gate Threshold Voltage
(VDS =10 Vdc, ID = 140 μAdc)
VGS(th)
0.8
1.2
1.6
Vdc
Gate Quiescent Voltage
(VDD =28 Vdc, IDA = 700 mAdc, Measured in Functional Test)
VGS(Q)
1.4
1.8
2.2
Vdc
Drain--Source On--Voltage
(VGS =6 Vdc, ID =1.4 Adc)
VDS(on)
0.1
0.15
0.3
Vdc
On Characteristics -- Side B (Peaking) (3)
Gate Threshold Voltage
(VDS =10 Vdc, ID = 200 μAdc)
VGS(th)
0.8
1.2
1.6
Vdc
Drain--Source On--Voltage
(VGS =6 Vdc, ID =2.0 Adc)
VDS(on)
0.1
0.15
0.3
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
3. Each side of device measure separately.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com