Electronic Components Datasheet Search
  English  ▼

X  

MMRF1024HS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1024HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1024HS Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1024HS Datasheet HTML 1Page - NXP Semiconductors MMRF1024HS Datasheet HTML 2Page - NXP Semiconductors MMRF1024HS Datasheet HTML 3Page - NXP Semiconductors MMRF1024HS Datasheet HTML 4Page - NXP Semiconductors MMRF1024HS Datasheet HTML 5Page - NXP Semiconductors MMRF1024HS Datasheet HTML 6Page - NXP Semiconductors MMRF1024HS Datasheet HTML 7Page - NXP Semiconductors MMRF1024HS Datasheet HTML 8Page - NXP Semiconductors MMRF1024HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1024HS
Figure 2. MMRF1024HS Test Circuit Component Layout
C1
C2
R2
C3
C4
C5
C6 C7
C8
Z1
R1
C9
C10
R3
C22
C19
C20
C18
C17
C16
C15
C14
C13
C12
C11
C21
C
P
VGGB
VGGA
Table 6. MMRF1024HS Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C9, C11, C12, C19, C20
10 μF Chip Capacitors
C5750X7S2A106M230KB
TDK
C2, C5, C8, C10, C13, C18
6.8 pF Chip Capacitors
ATC600F6R8BT250XT
ATC
C3, C4
0.5 pF Chip Capacitors
ATC600F0R5BT250XT
ATC
C6, C7
0.3 pF Chip Capacitors
ATC600F0R3BT250XT
ATC
C14
0.8 pF Chip Capacitor
ATC600F0R8BT250XT
ATC
C15
2.0 pF Chip Capacitor
ATC600F2R0BT250XT
ATC
C16
10 pF Chip Capacitor
ATC600F100JT250XT
ATC
C17
0.9 pF Chip Capacitor
ATC600F0R9BT250XT
ATC
C21, C22
220 μF Electrolytic Capacitors
227CKS050M
Illinois Capacitor
R1
50 Ω, 4 W Chip Resistor
CW12010T0050GBK
ATC
R2, R3
2.0 Ω, 1/4 W Chip Resistors
CRCW12062R00JNEA
Vishay
Z1
2300–2700 MHz Band, 5 dB Directional Coupler
X3C25P1-05S
Anaren
PCB
Rogers RO4305B, 0.020″, εr =3.66
—
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com