Electronic Components Datasheet Search
  English  ▼

X  

MMRF1304L Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF1304L
Description  RF Power LDMOS Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1304L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF1304L Datasheet HTML 2Page - NXP Semiconductors MMRF1304L Datasheet HTML 3Page - NXP Semiconductors MMRF1304L Datasheet HTML 4Page - NXP Semiconductors MMRF1304L Datasheet HTML 5Page - NXP Semiconductors MMRF1304L Datasheet HTML 6Page - NXP Semiconductors MMRF1304L Datasheet HTML 7Page - NXP Semiconductors MMRF1304L Datasheet HTML 8Page - NXP Semiconductors MMRF1304L Datasheet HTML 9Page - NXP Semiconductors MMRF1304L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMRF1304LR5
Z1
0.235 0.082 Microstrip
Z2
0.042 0.082 Microstrip
Z3
0.682 0.082 Microstrip
Z4*
0.200 0.060 Microstrip
Z5
0.324 0.060 Microstrip
Z6*
0.200 0.060 Microstrip
Z7
0.089 0.082 Microstrip
Z8
0.120 0.082 Microstrip
Z9
0.411 0.082 Microstrip
Z10
0.260 0.270 Microstrip
Z11
0.475 0.270 Microstrip
Z12
0.091 0.082 Microstrip
Z13
0.170 0.082 Microstrip
Z14*
0.670 0.082 Microstrip
Z15
0.280 0.082 Microstrip
Z16*
0.413 0.082 Microstrip
Z17*
0.259 0.082 Microstrip
Z18
0.761 0.082 Microstrip
Z19
0.341 0.082 Microstrip
* Line length includes microstrip bends
Table 6. MMRF1304LR5 Narrowband Test Circuit Microstrips — 512 MHz
Description
Microstrip
Description
Microstrip
Figure 6. MMRF1304LR5 Narrowband Test Circuit Schematic — 512 MHz
Z1
RF
INPUT
C5
Z2
Z4
DUT
C15
RF
OUTPUT
C2
C9
C14
Z16
Z3
Z5
C3
Z15
Z14
Z13
Z12
Z11
Z10
Z8
Z7
Z6
C1
Z17 Z18
C10
C6
C7
C8
L1
B1
+
C4
Z9
L2
C11
C13
Z19
B2
L3
C12
+
VBIAS
VSUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com