Electronic Components Datasheet Search
  English  ▼

X  

MMRF1304L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1304L
Description  RF Power LDMOS Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1304L Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1304L Datasheet HTML 1Page - NXP Semiconductors MMRF1304L Datasheet HTML 2Page - NXP Semiconductors MMRF1304L Datasheet HTML 3Page - NXP Semiconductors MMRF1304L Datasheet HTML 4Page - NXP Semiconductors MMRF1304L Datasheet HTML 5Page - NXP Semiconductors MMRF1304L Datasheet HTML 6Page - NXP Semiconductors MMRF1304L Datasheet HTML 7Page - NXP Semiconductors MMRF1304L Datasheet HTML 8Page - NXP Semiconductors MMRF1304L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MMRF1304LR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFET
RF power transistor suitable for both narrowband and broadband CW or
pulse applications operating at frequencies from 1.8 to 2000 MHz, such as
military radio communications and radar. This device is fabricated using
Freescale’s enhanced ruggedness platform and is suitable for use in
applications where high VSWRs are encountered.
Typical Performance: VDD =50 Vdc
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
IMD
(dBc)
1.8--30 (1,3)
Two--Tone
(10 kHz spacing)
25 PEP
25.0
50.0
--28
30--512 (2,3)
Two--Tone
(200 kHz spacing)
25 PEP
17.3
32.0
--32
512 (4)
Pulse
(100 sec, 20%
Duty Cycle)
25 Peak
25.9
74.0
—
512 (4)
CW
25
26.0
75.0
—
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
30 (1)
CW
>65:1
at all Phase
Angles
0.11
(3 dB
Overdrive)
50
No Device
Degradation
512 (2)
CW
0.95
(3 dB
Overdrive)
512 (4)
Pulse
(100 sec, 20%
Duty Cycle)
0.14 Peak
(3 dB
Overdrive)
512 (4)
CW
0.14
(3 dB
Overdrive)
1. Measured in 1.8--30 MHz broadband reference circuit.
2. Measured in 30--512 MHz broadband reference circuit.
3. The values shown are the minimum measured performance numbers across the
indicated frequency range.
4. Measured in 512 MHz narrowband test circuit.
Features
 Wide Operating Frequency Range
 Extreme Ruggedness
 Unmatched, Capable of Very Broadband Operation
 Integrated Stability Enhancements
 Low Thermal Resistance
 Extended ESD Protection Circuit
 In Tape and Reel. R5 Suffix = 50 Units, 32 mm Tape Width, 13--inch Reel.
Document Number: MMRF1304L
Rev. 0, 12/2013
Freescale Semiconductor
Technical Data
1.8--2000 MHz, 25 W, 50 V
WIDEBAND
RF POWER LDMOS TRANSISTOR
MMRF1304LR5
Note: The backside of the package is the
source terminal for the transistor.
NI--360--2
(Top View)
Drain
12
Figure 1. Pin Connections
Gate
 Freescale Semiconductor, Inc., 2013. All rights reserved.


Similar Part No. - MMRF1304L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1304GNR1 NXP-MMRF1304GNR1 Datasheet
462Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1304N NXP-MMRF1304N Datasheet
462Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1304NR1 NXP-MMRF1304NR1 Datasheet
462Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 12/2013
More results

Similar Description - MMRF1304L

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com