Electronic Components Datasheet Search
  English  ▼

X  

MMRF1312H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF1312H
Description  RF Power LDMOS Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1312H Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF1312H Datasheet HTML 1Page - NXP Semiconductors MMRF1312H Datasheet HTML 2Page - NXP Semiconductors MMRF1312H Datasheet HTML 3Page - NXP Semiconductors MMRF1312H Datasheet HTML 4Page - NXP Semiconductors MMRF1312H Datasheet HTML 5Page - NXP Semiconductors MMRF1312H Datasheet HTML 6Page - NXP Semiconductors MMRF1312H Datasheet HTML 7Page - NXP Semiconductors MMRF1312H Datasheet HTML 8Page - NXP Semiconductors MMRF1312H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MMRF1312H MMRF1312HS MMRF1312GS
5
RF Device Data
Freescale Semiconductor, Inc.
1030 MHz NARROWBAND PRODUCTION TEST FIXTURE — 4.0 5.0 (10.2 cm  12.7 cm)
C1
C2
B1
B2
C3
C4
C5
C7
C8
C6
R2
R1
C9
C10
C11
C12
C15
C16
C13
C14
L2
L1
C19
C20
C27
C29
C28
C30
C17*
C18*
C21*
C22*
C23*
C24*
C25*
C26*
* C17, C18, C21, C22, C23, C24, C25 and C26 are mounted vertically.
COAX3
COAX4
COAX1
COAX2
Figure 5. MMRF1312H(HS) Narrowband Test Circuit Component Layout — 1030 MHz
MMRF1312H
Rev. 0
D82114
Table 7. MMRF1312H(HS) Narrowband Test Circuit Component Designations and Values — 1030 MHz
Part
Description
Part Number
Manufacturer
B1, B2
Short RF Bead
2743019447
Fair-Rite
C1, C2
22 F, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C3, C4
2.2 F Chip Capacitors
C1825C225J5RACTU
Kemet
C5, C6
0.1 F Chip Capacitors
CDR33BX104AKWS
AVX
C7, C8
36 pF Chip Capacitors
ATC100B360JT500XT
ATC
C9
2.7 pF Chip Capacitor
ATC100B2R7CT500XT
ATC
C10, C11
30 pF Chip Capacitors
ATC100B300JT500XT
ATC
C12
8.2 pF Chip Capacitor
ATC100B8R2CT500XT
ATC
C13, C14
36 pF Chip Capacitors
ATC100B360JT500XT
ATC
C15, C16
7.5 pF Chip Capacitors
ATC100B7R5CT500XT
ATC
C17
4.7 pF Chip Capacitor
ATC100B4R7CT500XT
ATC
C18
4.3 pF Chip Capacitor
ATC100B4R3CT500XT
ATC
C19, C20
0.01 F Chip Capacitors
C1825C103K1GACTU
Kemet
C21, C22, C23, C24, C25, C26
43 pF Chip Capacitors
ATC100B430JT500XT
ATC
C27, C28, C29, C30
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
Coax1, Coax2, Coax3, Coax4
35  Flex Cable 1.98
HSF-141C-35
Hongsen Cable
L1, L2
12 H, 3 Turn Inductors
GA3094-ALC
Coilcraft
R1, R2
1.1 k, 1/4 W Chip Resistors
CRCW12061K10FKEA
Vishay
PCB
Arlon, AD255A, 0.03, r =2.55
D82114
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com