Electronic Components Datasheet Search
  English  ▼

X  

MMRF1312H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1312H
Description  RF Power LDMOS Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1312H Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1312H Datasheet HTML 1Page - NXP Semiconductors MMRF1312H Datasheet HTML 2Page - NXP Semiconductors MMRF1312H Datasheet HTML 3Page - NXP Semiconductors MMRF1312H Datasheet HTML 4Page - NXP Semiconductors MMRF1312H Datasheet HTML 5Page - NXP Semiconductors MMRF1312H Datasheet HTML 6Page - NXP Semiconductors MMRF1312H Datasheet HTML 7Page - NXP Semiconductors MMRF1312H Datasheet HTML 8Page - NXP Semiconductors MMRF1312H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MMRF1312H MMRF1312HS MMRF1312GS
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These RF power devices are designed for pulse applications operating at
frequencies from 900 to 1215 MHz. The devices are suitable for use in pulse
applications with large duty cycles and long pulses and are ideal for use in high
power military and commercial L--Band radar applications such as IFF and
DME/TACAN.
Typical Short Pulse Performance: In 900–1215 MHz reference circuit,
VDD =52 Vdc, IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
900
Pulse
(128 sec, 10% Duty Cycle)
1615 Peak
15.2
54.0
960
1560 Peak
17.3
55.7
1030
1500 Peak
17.8
53.8
1090
1530 Peak
18.0
54.5
1215
1200 Peak
19.2
58.5
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
1030 (1)
Pulse
(128 sec, 10%
Duty Cycle)
> 20:1 at all
Phase Angles
20.2 Peak
(3 dB
Overdrive)
52
No Device
Degradation
1. Measured in 1030 MHz narrowband reference circuit.
Features
 Internally input and output matched for broadband operation and ease of use
 Device can be used in a single--ended, push--pull or quadrature configuration
 Qualified up to a maximum of 52 VDD operation
 High ruggedness, handles > 20:1 VSWR
 Integrated ESD protection with greater negative voltage range for improved
Class C operation and gate voltage pulsing
 Characterized with series equivalent large--signal impedance parameters
Typical Applications
 Air traffic control systems (ATC), including ground--based secondary radars
such as IFF interrogators or transponders
 Distance measuring equipment (DME)
 Tactical air navigation (TACAN)
Document Number: MMRF1312H
Rev. 0, 3/2016
Freescale Semiconductor
Technical Data
900–1215 MHz, 1000 W PEAK, 52 V
AIRFAST RF POWER LDMOS
TRANSISTORS
MMRF1312H
MMRF1312HS
MMRF1312GS
NI--1230GS--4L
MMRF1312GS
NI--1230S--4S
MMRF1312HS
NI--1230H--4S
MMRF1312H
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistor.
 Freescale Semiconductor, Inc., 2016. All rights reserved.


Similar Part No. - MMRF1312H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1310H NXP-MMRF1310H Datasheet
570Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1310HR5 NXP-MMRF1310HR5 Datasheet
570Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1310HSR5 NXP-MMRF1310HSR5 Datasheet
570Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1314GS NXP-MMRF1314GS Datasheet
473Kb / 17P
RF Power LDMOS Transistors
Rev. 1, 1/2017
MMRF1314H NXP-MMRF1314H Datasheet
473Kb / 17P
RF Power LDMOS Transistors
Rev. 1, 1/2017
More results

Similar Description - MMRF1312H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com