Electronic Components Datasheet Search
  English  ▼

X  

FS6118 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS6118
Description  CLOCK GENERATOR IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6118 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS6118 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XT
February 1999
2.4.99
4
)6
&ORFN*HQHUDWRU,&
$GYDQFH ,QIRUPDWLRQ
,62
5.0
Ordering Information
ORDERING CODE
DEVICE NUMBER
PACKAGE TYPE
OPERATING
TEMPERATURE RANGE
SHIPPING
CONFIGURATION
11640-802
FS6118-01
8-pin (0.150”) SOIC
(Small Outline Package)
0
°C to 70°C (Commercial)
Tape-and-Reel
11640-812
FS6118-01
8-pin (0.150”) SOIC
(Small Outline Package)
0
°C to 70°C (Commercial)
Tubes
Copyright © 1998 American Microsystems, Inc.
Devices sold by AMI are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale
only. AMI makes no warranty, express, statutory implied or by description, regarding the information set forth herein or
regarding the freedom of the described devices from patent infringement. AMI makes no warranty of merchantability or
fitness for any purposes. AMI reserves the right to discontinue production and change specifications and prices at any
time and without notice. AMI’s products are intended for use in commercial applications. Applications requiring ex-
tended temperature range, unusual environmental requirements, or high reliability applications, such as military, medi-
cal life-support or life-sustaining equipment, are specifically not recommended without additional processing by AMI for
such applications.
American Microsystems, Inc., 2300 Buckskin Rd., Pocatello, ID 83201, (208) 233-4690, FAX (208) 234-6796,
WWW Address: http://www.amis.com E-mail: tgp@amis.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com