Electronic Components Datasheet Search
  English  ▼

X  

FS6118 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6118
Description  CLOCK GENERATOR IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6118 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6118 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XT
February 1999
This document contains information on a product under development. American Microsystems, Inc. reserves the right to change or discontinue this product without notice.
2.4.99
)6
&ORFN*HQHUDWRU,&
$GYDQFH ,QIRUPDWLRQ
,62
1.0
Features
•
On-board crystal oscillator
•
Phase-locked loop (PLL) synthesizes desired CLK
frequency
•
Internal loop filter
•
Internal crystal oscillator load capacitance (16pF
nominal)
•
Only external components required are decoupling
capacitors
•
Minimal board footprint (8-pin 0.150" SOIC package)
2.0
Description
The FS6118 is a monolithic CMOS frequency synthesizer
IC designed for cost sensitive or space limited applica-
tions.
An on-board crystal oscillator accepts a quartz crystal
and provides a different, synthesized frequency on the
CLK output. The device is packaged in an 8-pin SOIC
package for a minimal board footprint.
Custom factory-programmed clock frequencies are avail-
able. Please contact your local AMI sales representative
for more information.
Figure 1: Block Diagram
XIN
FS6118
CLK
Crystal
Oscillator
Phase-
Locked Loop
XOUT
Figure 2: Pin Configuration
1
8
2
3
4
7
6
5
VSS
XOUT
XIN
VDD
CLK
VSS
n/c
VDD
8-pin 0.150" SOIC
Table 1: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up;
DID = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN
TYPE
NAME
DESCRIPTION
1
P
VSS
Ground
2
AO
XOUT
Crystal oscillator feedback
3
AI
XIN
Crystal oscillator drive
4
P
VDD
Power supply (+5V)
5
--
N/C
No Connection
6
P
VSS
Ground
7
DO
CLK
Clock Output
8
P
VDD
Power Supply (+5V)
Table 2: Font Description
DEVICE
CRYSTAL FREQUENCY
(MHz)
CLK FREQUENCY
(MHz)
FS6118-01
14.31818
40.0000
Custom frequencies available – contact AMI for more information


Similar Part No. - FS6118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS612509-01 ETC-FS612509-01 Datasheet
81Kb / 8P
1:9 ZERO DELAY CLOCK BUFFER IC
FS612509-02 ETC-FS612509-02 Datasheet
81Kb / 8P
1:9 ZERO DELAY CLOCK BUFFER IC
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
VCXO CLOCK GENERATOR IC
FS6127-01 ETC-FS6127-01 Datasheet
111Kb / 6P
VCXO CLOCK GENERATOR IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
More results

Similar Description - FS6118

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
Clock generator IC
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
Clock generator IC
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
Clock generator IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Asahi Kasei Microsystem...
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
Programable Clock Generator IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com