Electronic Components Datasheet Search
  English  ▼

X  

STGF20NB60S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF20NB60S
Description  N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20NB60S Datasheet(HTML) 1 Page - STMicroelectronics

  STGF20NB60S Datasheet HTML 1Page - STMicroelectronics STGF20NB60S Datasheet HTML 2Page - STMicroelectronics STGF20NB60S Datasheet HTML 3Page - STMicroelectronics STGF20NB60S Datasheet HTML 4Page - STMicroelectronics STGF20NB60S Datasheet HTML 5Page - STMicroelectronics STGF20NB60S Datasheet HTML 6Page - STMicroelectronics STGF20NB60S Datasheet HTML 7Page - STMicroelectronics STGF20NB60S Datasheet HTML 8Page - STMicroelectronics STGF20NB60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
February 2005
STGF20NB60S
N-CHANNEL 13A - 600V TO-220FP
PowerMESH™ IGBT
Table 1: General Features
LOW ON-VOLTAGE DROP (Vcesat)
HIGHT CURRENT CAPABILITY
OFF LOSSES INCLUDE TAIL CURRENT
HIGH INPUT IMPEDANCE (VOLTAGE
DRIVEN)
DESCRIPTION
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the Pow-
erMESH™ IGBTs, with outstanding performances.
The suffix “S” identifies a family optimized to
achieve minimum on-voltage drop for low frequen-
cy to applications (<1kHz).
APPLICATIONS
LIGHT DIMMER
STATIC RELAYS
MOTOR CONTROL
Table 2: Order Code
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGF20NB60S
600 V
< 1.7 V
13 A
1
2
3
TO-220FP
PART NUMBER
MARKING
PACKAGE
PACKAGING
STGF20NB60S
GF20NB60S
TO-220FP
TUBE
Rev. 2


Similar Part No. - STGF20NB60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF20NB60S STMICROELECTRONICS-STGF20NB60S Datasheet
296Kb / 11P
N-CHANNEL 13A - 600V TO-220FP PowerMESH TM IGBT
05-Aug-2005
STGF20NB60S_0508 STMICROELECTRONICS-STGF20NB60S_0508 Datasheet
296Kb / 11P
N-CHANNEL 13A - 600V TO-220FP PowerMESH TM IGBT
05-Aug-2005
More results

Similar Description - STGF20NB60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB60SDFP STMICROELECTRONICS-STGP10NB60SDFP Datasheet
326Kb / 8P
N-CHANNEL 10A - 600V - TO-220FP PowerMesh™ IGBT
Nov-2002
STGP10NB60SFP STMICROELECTRONICS-STGP10NB60SFP Datasheet
316Kb / 8P
N-CHANNEL 10A - 600V - TO-220FP PowerMesh™ IGBT
Jun-2002
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
04-Jun-2004
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD Datasheet
325Kb / 8P
N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT
Jun-2003
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
02-Sep-2004
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
15-May-2006
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
05-Jan-2007
STGF20NB60S_0508 STMICROELECTRONICS-STGF20NB60S_0508 Datasheet
296Kb / 11P
N-CHANNEL 13A - 600V TO-220FP PowerMESH TM IGBT
05-Aug-2005
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
Jun-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com