Electronic Components Datasheet Search
  English  ▼

X  

STGF20NB60S Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGF20NB60S
Description  N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20NB60S Datasheet(HTML) 3 Page - STMicroelectronics

  STGF20NB60S Datasheet HTML 1Page - STMicroelectronics STGF20NB60S Datasheet HTML 2Page - STMicroelectronics STGF20NB60S Datasheet HTML 3Page - STMicroelectronics STGF20NB60S Datasheet HTML 4Page - STMicroelectronics STGF20NB60S Datasheet HTML 5Page - STMicroelectronics STGF20NB60S Datasheet HTML 6Page - STMicroelectronics STGF20NB60S Datasheet HTML 7Page - STMicroelectronics STGF20NB60S Datasheet HTML 8Page - STMicroelectronics STGF20NB60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STGF20NB60S
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 6: Dynamic
(1) Pulsed: Pulse duration= 300 µs, duty cycle 1.5%
Table 7: Switching On
Table 8: Switching Off
Table 9: Switching Energy
(2) Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a package with a co-pack
diode, the co-pack diode is used as external diode.
(3) Turn-off losses include also the tail of the collector current.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VCE = 10 V , IC = 8 A
20
S
Cies
Input Capacitance
VCE = 25 V, f= 1 MHz, VGE = 0
1820
pF
Coes
Output Capacitance
167
pF
Cres
Reverse Transfer
Capacitance
27
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCC = 480 V, IC = 20 A,
VGE = 15 V
(see Figure 19)
83
10
27
115
nC
nC
nC
ICL
Turn-off SOA minimum
current
Vclamp = 480 V , Tj = 125°C
RG = 100 Ω
80
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
VCC = 480 V, IC = 20 A
RG= 100 Ω, VGE= 15V
(see Figure 17)
92
70
340
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on Delay Time
Current Rise Time
Turn-on Delay Time
VCC = 480 V, IC = 20 A
RG= 100 Ω, VGE= 15V,
Tj= 125°C (see Figure 17)
80
73
320
ns
ns
A/µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc = 480 V, IC = 20 A,
RG = 100 Ω , VGE = 15 V
TJ = 25 °C
(see Figure 17)
1.6
µs
tr(Voff)
Off Voltage Rise Time
0.78
µs
td(off)
Turn-off Delay Time
1.1
µs
tf
Current Fall Time
0.79
µs
tc
Cross-over Time
Vcc = 480 V, IC = 20 A,
RG = 100 Ω , VGE = 15 V
Tj = 125 °C
(see Figure 17)
2.4
µs
tr(Voff)
Off Voltage Rise Time
1.1
µs
td(off)
Turn-off Delay Time
2.4
µs
tf
Current Fall Time
1.2
µs
Symbol
Parameterr
Test Conditions
Min.
Typ.
Max
Unit
Eon (2)
Eoff (3)
Ets
Turn-on Switching Losses
Turn-off Switching Loss
Total Switching Loss
VCC = 480 V, IC = 20 A
RG= 100 Ω, VGE= 15V,
(see Figure 18)
0.84
7.4
8.24
mJ
mJ
mJ
Eon (2)
Eoff (3)
Ets
Turn-on Switching Losses
Turn-off Switching Loss
Total Switching Loss
VCC = 480 V, IC = 20 A
RG= 100 Ω, VGE=15V,Tj=125°C
(see Figure 18)
0.86
11.5
12.4
mJ
mJ
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com