Electronic Components Datasheet Search
  English  ▼

X  

AD8143 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8143 Datasheet HTML 10Page - Analog Devices AD8143 Datasheet HTML 11Page - Analog Devices AD8143 Datasheet HTML 12Page - Analog Devices AD8143 Datasheet HTML 13Page - Analog Devices AD8143 Datasheet HTML 14Page - Analog Devices AD8143 Datasheet HTML 15Page - Analog Devices AD8143 Datasheet HTML 16Page - Analog Devices AD8143 Datasheet HTML 17Page - Analog Devices AD8143 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8143
Data Sheet
Rev. A | Page 14 of 24
1.25
–1.25
0
100
TIME (ns)
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
0.5
–0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
10
20
30
40
50
60
70
80
90
INPUT
OUTPUT
ERROR
Figure 22. Settling Time (0.1%) at Various Loads
–50
–80
0.1
100
FREQUENCY (MHz)
110
–55
–60
–65
–70
–75
VS = ±5V
VS = ±12V
Figure 23. Second Harmonic Distortion vs. Frequency and Power Supplies,
VO = 2 V p-p, G = 2
–50
–75
0.1
100
FREQUENCY (MHz)
110
–55
–60
–65
–70
VS = ±5V
VS = ±12V
Figure 24. Second Harmonic Distortion vs. Frequency and Power Supplies,
VO = 2 V p-p
1400
0
0
4.5
OUTPUT VOLTAGE (V p-p)
1200
1000
800
600
400
200
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+SR, RL = 150
–SR, RL = 150
+SR, RL = 1k
–SR, RL= 1k
Figure 25. Slew Rate vs. Input Voltage Swing at Various Loads
–30
–100
0.1
100
FREQUENCY (MHz)
110
–40
–50
–60
–70
–80
–90
Vs = ±12V
Vs = ±5V
Figure 26. Third Harmonic Distortion vs. Frequency and Power Supplies,
VO = 2 V p-p, G = 2
–30
–90
0.1
100
FREQUENCY (MHz)
110
–40
–50
–60
–70
–80
VS =±5V
VS = ±12V
Figure 27. Third Harmonic Distortion vs. Frequency and Power Supplies,
VO = 2 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com