Electronic Components Datasheet Search
  English  ▼

X  

AD8143 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8143 Datasheet HTML 13Page - Analog Devices AD8143 Datasheet HTML 14Page - Analog Devices AD8143 Datasheet HTML 15Page - Analog Devices AD8143 Datasheet HTML 16Page - Analog Devices AD8143 Datasheet HTML 17Page - Analog Devices AD8143 Datasheet HTML 18Page - Analog Devices AD8143 Datasheet HTML 19Page - Analog Devices AD8143 Datasheet HTML 20Page - Analog Devices AD8143 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8143
Rev. A | Page 17 of 24
THEORY OF OPERATION
The AD8143 amplifiers use an architecture called active feedback,
which differs from that of conventional op amps. The most
obvious differentiating feature is the presence of two separate
pairs of differential inputs compared to a conventional op amp’s
single pair. Typically, for the active-feedback architecture, one of
these input pairs is driven by a differential input signal, while
the other is used for the feedback. This active stage in the
feedback path is where the term active feedback is derived.
The active feedback architecture offers several advantages over
a conventional op amp in several types of applications. Among
these are excellent common-mode rejection, wide input common-
mode range, and a pair of inputs that are high impedance and
completely balanced in a typical application. In addition, while
an external feedback network establishes the gain response as in
a conventional op amp, its separate path makes it entirely
independent of the signal input. This eliminates any interaction
between the feedback and input circuits, which traditionally
causes problems with CMRR in conventional differential-input
op amp circuits.
Another advantage of active feedback is the ability to change the
polarity of the gain merely by switching the differential inputs.
A high input impedance inverting amplifier can therefore be
made. Besides high input impedance, a unity-gain inverter with
the AD8143 has noise gain of unity, producing lower output
noise and higher bandwidth than op amps that have noise gain
equal to 2 for a unity-gain inverter.
The two differential input stages of the AD8143 are each
transconductance stages that are well-matched. These stages
convert the respective differential input voltages to internal
currents. The currents are then summed and converted to a
voltage, which is buffered to drive the output. The compensation
capacitor is included in the summing circuit. When the feedback
path is closed around the part, the output drives the feedback
input to that voltage which causes the internal currents to sum
to zero. This occurs when the two differential inputs are equal and
opposite; that is, their algebraic sum is zero.
In a closed-loop application, a conventional op amp has its
differential input voltage driven to near zero under non-transient
conditions. The AD8143 generally has differential input voltages
at each of its input pairs, even under equilibrium conditions. As
a practical consideration, it is necessary to internally limit the
differential input voltage with a clamp circuit. Thus, the input
dynamic ranges are limited to about 2.5 V for the AD8143 (see
the Specifications section for more detail). For this and other
reasons, it is not recommended to reverse the input and feedback
stages of the AD8143, even though some apparently normal
functionality may be observed under some conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com