Electronic Components Datasheet Search
  English  ▼

X  

IR3086 Datasheet(PDF) 15 Page - International Rectifier

Part # IR3086
Description  PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3086 Datasheet HTML 7Page - International Rectifier IR3086 Datasheet HTML 8Page - International Rectifier IR3086 Datasheet HTML 9Page - International Rectifier IR3086 Datasheet HTML 10Page - International Rectifier IR3086 Datasheet HTML 11Page - International Rectifier IR3086 Datasheet HTML 12Page - International Rectifier IR3086 Datasheet HTML 13Page - International Rectifier IR3086 Datasheet HTML 14Page - International Rectifier IR3086 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
IR3086
Page 15 of 15
9/1/03
PACKAGE INFORMATION
20L MLPQ (4 x 4 mm Body) – θJA = 32
oC/W, θ
JC = 3
oC/W
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
www.irf.com
4.00
2.15
0.75-1.05
0.50
0.23
4.40 - 5.00
2.90
4.40 – 5.00
4.00
2.90
2.15
1.20
Holes:
Φ0.3-0.33
Note: All dimensions are in Millimeters.
4.00
2.15
0.75-1.05
0.50
0.23
4.40 - 5.00
2.90
4.40 – 5.00
4.00
2.90
2.15
1.20
Holes:
Φ0.3-0.33
Note: All dimensions are in Millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com