Electronic Components Datasheet Search
  English  ▼

X  

LT6014 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6014
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6014 Datasheet HTML 5Page - Linear Technology LT6014 Datasheet HTML 6Page - Linear Technology LT6014 Datasheet HTML 7Page - Linear Technology LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology LT6014 Datasheet HTML 10Page - Linear Technology LT6014 Datasheet HTML 11Page - Linear Technology LT6014 Datasheet HTML 12Page - Linear Technology LT6014 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6013/LT6014
9
60134fa
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing
vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
TEMPERATURE (
°C)
–50
–20
25
60134 G11
40
–25
0
50
20
V–
V+
–40
–60
60
75
100
125
VS = 5V, 0V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
LOAD CURRENT (mA)
0.01
0.01
0.1
1
0.1
1
10
60134 G12
TA = 85°C
TA = 25°C
VS = 5V, 0V
TA = –40°C
LOAD CURRENT (mA)
0.01
0.01
0.1
1
0.1
1
10
60134 G13
TA = 85°C
TA = 25°C
VS = 5V, 0V
TA = –40°C
0.01Hz to 1Hz Voltage Noise
TIME (SEC)
0
80
60134 G10
20
40
60
100
70
10
30
50
90
VS = 5V, 0V
TA = 25°C
0.1Hz to 10Hz Voltage Noise
TIME (SEC)
08
60134 G09
246
10
7
135
9
TIME (SEC)
VS = 5V, 0V
TA = 25°C
0.01Hz to 1Hz Current Noise
TIME (SEC)
080
60134 G32
20
40
60
100
70
10
30
50
90
VS = 5V, 0V
TA = 25°C
BALANCED SOURCE RESISTANCE
0.1Hz to 10Hz Current Noise
TIME (SEC)
08
60134 G31
246
10
7
135
9
TIME (SEC)
VS = 5V, 0V
TA = 25°C
BALANCED SOURCE RESISTANCE
en, in vs Frequency
Total Input Noise
vs Source Resistance
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
60134 G07
CURRENT NOISE
UNBALANCED
SOURCE RESISTORS
VOLTAGE NOISE
1/f CORNER = 40Hz
1/f CORNER = 2Hz
VS = 5V, 0V
TA = 25°C
SOURCE RESISTANCE (
Ω)
100
1k
10k
100k
1M
10M
0.0001
0.01
10
100M
60134 G08
0.001
0.1
1
TOTAL NOISE
RESISTOR NOISE ONLY
VS = 5V, 0V
TA = 25°C
f = 1kHz
UNBALANCED
SOURCE RESISTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com