Electronic Components Datasheet Search
  English  ▼

X  

LT6014 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6014
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology LT6014 Datasheet HTML 10Page - Linear Technology LT6014 Datasheet HTML 11Page - Linear Technology LT6014 Datasheet HTML 12Page - Linear Technology LT6014 Datasheet HTML 13Page - Linear Technology LT6014 Datasheet HTML 14Page - Linear Technology LT6014 Datasheet HTML 15Page - Linear Technology LT6014 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT6013/LT6014
16
60134fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0404 1K REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1112/LT1114
Dual/Quad Low Power, Picoamp Input Precision Op Amps
250pA Input Bias Current
LT1880
Rail-to-Rail Output, Picoamp Input Precision Op Amp
SOT-23
LT1881/LT1882
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
CLOAD Up to 1000pF
LT1884/LT1885
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
9.5nV/
√Hz Input Noise
LT6011/LT6012
Dual/Quad Low Power Rail-to-Rail Output, Precision Op Amps
14nV/
√Hz, Unity-Gain Stable Version of LT6014
LT6010
Single Low Power Rail-to-Rail Output, Precision Op Amp
200pA Input Bias Current, Shutdown Feature
RELATED PARTS
TYPICAL APPLICATIO
Low Power Hall Sensor Amplifier
–
+
LT1782
–
+
1/2 LT6014
VS
VS
+
VOUT
–
7.87k
1%
VS = 3V TO 18V
IS = ~600µA
VOUT = ~40mV/mT
1, 2
4
6
10k
OFFSET
ADJUST
1
3
2
400
Ω
×4
HALL ELEMENT
ASAHI-KASEI
HW-108A (RANK D)
www.asahi-kasei.co.jp
26.7k
1%
49.9k
0.1
µF
49.9k
VS
4
499
Ω
499
Ω
4
60134 TA02
7
1
8
6
3
2
5
100k
1%
LT1790-1.25
–
+
1/2 LT6014
1
µF
Precision Micropower Photodiode Amplifier
60134 TA04
CD
170pF
VS
+
VS
–
R1
100k
C1
20pF
VOUT
880nm IR
PHOTODIODE
OPTO-DIODE CORP
ODD-45W
λ
IPHOTODIODE
GAIN: AZ = 100kΩ =
10% TO 90% RISE TIME: tr = 3.2µs
BANDWIDTH: BW = 110kHz
IPHOTODIODE
VOUT
VS = ±1.35V TO ±18V
C1, CD SATISFY GAIN OF 5
STABILITY REQUIREMENT AT AC
OUTPUT OFFSET = 60
µV MAX FOR LT6013AS8
+
–
LT6013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com