Electronic Components Datasheet Search
  English  ▼

X  

LT6210CS6 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6210CS6
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6210CS6 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6210CS6 Datasheet HTML 8Page - Linear Technology LT6210CS6 Datasheet HTML 9Page - Linear Technology LT6210CS6 Datasheet HTML 10Page - Linear Technology LT6210CS6 Datasheet HTML 11Page - Linear Technology LT6210CS6 Datasheet HTML 12Page - Linear Technology LT6210CS6 Datasheet HTML 13Page - Linear Technology LT6210CS6 Datasheet HTML 14Page - Linear Technology LT6210CS6 Datasheet HTML 15Page - Linear Technology LT6210CS6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT6210/LT6211
62101f
SI PLIFIED SCHE ATIC
–IN
8k
ISET
4
OUT
1
5
V–
2
V+
6
SUPPLY
CURRENT
CONTROL
600
Ω
600
Ω
6210 SS
V+
V–
OUTPUT BIAS
CONTROL
+IN
3
PACKAGE DESCRIPTIO
TYPICAL APPLICATIO
The response of the cable driver with a 1MHz sinusoid is
shown in Figure 4. The circuit is capable of transmitting
a 1.5VP-P undistorted sinusoid to the 50Ω termination
resistor and has a full signal 1VP-P bandwidth of 50MHz.
Small signal –3dB bandwidth extends from 1kHz to
56MHz with the selected coupling capacitors.
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699)
3.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
0.38
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
2.38
±0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 5)
0.200 REF
0.00 – 0.05
(DD10) DFN 0403
0.25
± 0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50
BSC
0.675
±0.05
3.50
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
0.50 BSC
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
–
+
LT6210
RSER
15
Ω
1%
249
Ω
1%
2k
1%
2.2
µF
154
Ω
1%
1.3k
1%
2k
1%
RTERM
50
Ω
VOUT
6210 F03
3V
3V
6
4
3
VIN
1
VA
2
5
2.2
µF
3300pF
NPO
VIN
1V/DIV
VA
1V/DIV
VOUT
1V/DIV
200ns/DIV
6210 F04
Figure 3. 3V Cable Driver with Active Termination
Figure 4. Response of Circuit at 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com