Electronic Components Datasheet Search
  English  ▼

X  

LT6210CS6 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6210CS6
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6210CS6 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6210CS6 Datasheet HTML 8Page - Linear Technology LT6210CS6 Datasheet HTML 9Page - Linear Technology LT6210CS6 Datasheet HTML 10Page - Linear Technology LT6210CS6 Datasheet HTML 11Page - Linear Technology LT6210CS6 Datasheet HTML 12Page - Linear Technology LT6210CS6 Datasheet HTML 13Page - Linear Technology LT6210CS6 Datasheet HTML 14Page - Linear Technology LT6210CS6 Datasheet HTML 15Page - Linear Technology LT6210CS6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT6210/LT6211
62101f
LT/TP 0204 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2003
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1252/LT1253/LT1254 100MHz Low Cost Video Amplifiers
Single, Dual and Quad Current Feedback Amplifiers
LT1395/LT1396/LT1397 400MHz, 800V/
µs Amplifiers
Single, Dual and Quad Current Feedback Amplifiers
LT1398/LT1399
300MHz Amplifiers with Shutdown
Dual and Triple Current Feedback Amplifiers
LT1795
50MHz, 500mA Programmable IS Amplifier
Dual Current Feedback Amplifier
LT1806/LT1807
325MHz, 140V/
µs Rail-to-Rail I/O Amplifiers
Single and Dual Voltage Feedback Amplifiers
LT1815/LT1816/LT1817 220MHz, 1500V/
µs Programmable IS Operational Amplifier
Single, Dual and Quad Voltage Feedback Amplifiers
TYPICAL APPLICATIO S
Figure 5. Line Driver with Low Power Mode
Figure 6. Frequency Response for Full
Speed and Low Power Mode
Line Driver with Power Saving Mode
In applications where low distortion or high slew rate are
desirable but not necessary at all times, it may be possible
to decrease the LT6210 or LT6211’s quiescent current
when the higher power performance is not required.
Figure 5 illustrates a method of setting quiescent current
with a FET switch. In the 5V dual supply case pictured,
shorting the ISET pin through an effective 20k to ground
sets the supply current to 6mA, while the 240k resistor at
the ISET pin with the FET turned off sets the supply current
to approximately 1mA. The feedback resistor of 4.02k is
selected to minimize peaking in low power mode. The
bandwidth of the LT6210 in this circuit increases from
about 40MHz in low power mode to over 200MHz in full
speed mode, as illustrated in Figure 6. Other AC specs also
improve significantly at the higher current setting. The
following table shows harmonic distortion at 1MHz with a
2VP-P sinusoid at the two selected current levels.
Harmonic Distortion
LOW POWER
FULL SPEED
HD2
–53dBc
HD2
–68dBc
HD3
–46dBc
HD3
–77dBc
FREQUENCY (MHz)
–4
–2
–1
1
3
0
10
100
1000
6210 F06
–6
1
0
–3
–5
2
FULL
SPEED
MODE
IS = 6mA
LOW POWER
MODE
IS = 1mA
TA = 25°C
VOUT = 100mVP-P
–
+
LT6210
R1
240k
R2
22k
RLOAD
150
Ω
VOUT
6210 F05
–5V
R3
4.02k
HS/LP
VIN
5V
4
5
2
6
1
3
2N7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com