Electronic Components Datasheet Search
  English  ▼

X  

MA27331 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA27331
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA27331 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA27331 Datasheet HTML 1Page - Panasonic Semiconductor MA27331 Datasheet HTML 2Page - Panasonic Semiconductor MA27331 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA27331
2
SKD00061BED
IR  Ta
IF  VF
CD  VR
CD  Ta
1
10 2
10
010
20
Reverse voltage V
R (V)
f
= 1 MHz
Ta
= 25°C
0.988
0
20
40
60
80
100
0.996
1.004
1.012
1.020
1.028
Ambient temperature T
a (°C)
VR
= 1 V
2 V
4 V
10 V
f
= 1 MHz
10 −2
0
40
80
120
10 −1
1
10
Ambient temperature T
a (°C)
VR
= 12 V
0
120
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F (V)
Ta
= 60°C
25
°C
−25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com