Electronic Components Datasheet Search
  English  ▼

X  

KTM-MB31111P Datasheet(PDF) 2 Page - SICK AG

Part # KTM-MB31111P
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

KTM-MB31111P Datasheet(HTML) 2 Page - SICK AG

  KTM-MB31111P Datasheet HTML 1Page - SICK AG KTM-MB31111P Datasheet HTML 2Page - SICK AG KTM-MB31111P Datasheet HTML 3Page - SICK AG KTM-MB31111P Datasheet HTML 4Page - SICK AG KTM-MB31111P Datasheet HTML 5Page - SICK AG KTM-MB31111P Datasheet HTML 6Page - SICK AG KTM-MB31111P Datasheet HTML 7Page - SICK AG KTM-MB31111P Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KTM-MB31111P | KTM Core
CONTRAST SENSORS
Ordering information
Type
Part no.
KTM-MB31111P
1062202
Other models and accessories
www.sick.com/KTM_Core
Detailed technical data
Features
Dimensions (W x H x D)
12 mm x 31.5 mm x 21 mm
Sensing distance
12.5 mm
Sensing distance tolerance
± 3 mm
Housing design (light emission)
Rectangular
Light source
LED, White 1)
Light spot size
Ø 2 mm (12.5 mm)
Light spot direction
-
Max. web speed
1 m/s 2)
Adjustment
Potentiometer, screw driver
Output function
Light/dark switching
1) Average service life: 100,000 h at TU = +25 °C.
2) At a mark size of 4 mm.
Mechanics/electronics
Supply voltage
12 V DC ... 24 V DC 1)
Ripple
≤ 5 Vpp 2)
Power consumption
< 50 mA 3)
Switching frequency
10 kHz 4)
Response time
50 µs 5)
Jitter
25 µs
Switching output
PNP, NPN
1) Limit values: DC 12 V (–10 %) ... DC 24 V (+20 %). Operation in short-circuit protected network max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) At supply voltage > 24 V, Imax = 30 mA. Imax is consumption count of all Qn.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com