Electronic Components Datasheet Search
  English  ▼

X  

KTM-MB31111P Datasheet(PDF) 5 Page - SICK AG

Part # KTM-MB31111P
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

KTM-MB31111P Datasheet(HTML) 5 Page - SICK AG

  KTM-MB31111P Datasheet HTML 1Page - SICK AG KTM-MB31111P Datasheet HTML 2Page - SICK AG KTM-MB31111P Datasheet HTML 3Page - SICK AG KTM-MB31111P Datasheet HTML 4Page - SICK AG KTM-MB31111P Datasheet HTML 5Page - SICK AG KTM-MB31111P Datasheet HTML 6Page - SICK AG KTM-MB31111P Datasheet HTML 7Page - SICK AG KTM-MB31111P Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KTM-MB31111P | KTM Core
CONTRAST SENSORS
Concept of operation
Setting the switching threshold
1. Position background
2. Position mark
3. Set switching threshold
Start at "+" (right-hinged).
Turn potentiometer in direction
"-" until the yellow LED goes out.
Yellow LED lights up.
Continue to turn the potentiometer
in direction „–“ until the yellow LED
goes out again.
Turn between positions 1 and 2,
to ensure that the switching threshold
is optimally set.
Switching characteristics
Light switching: yellow LED ≠ switching output Q
Dark switching: yellow LED = switching output Q
Light/dark switching selectable by means of rotary switch
KTM-xBxxx1xx: potentiometer can be adjusted with a screwdriver
KTM-xBxxx9xx: potentiometer can be adjusted with a screwdriver or by hand
For example dark switching
–
+
–
+
–
+
Characteristic curve
Sensing distance
5
(0.20)
0
10
(0.39)
15
(0.59)
20
(0.79)
40
60
80
100
110
90
70
50
30
20
Sensing distance in mm (inch)
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com