Electronic Components Datasheet Search
  English  ▼

X  

MPC9352 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC9352
Description  3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9352 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC9352 Datasheet HTML 2Page - Motorola, Inc MPC9352 Datasheet HTML 3Page - Motorola, Inc MPC9352 Datasheet HTML 4Page - Motorola, Inc MPC9352 Datasheet HTML 5Page - Motorola, Inc MPC9352 Datasheet HTML 6Page - Motorola, Inc MPC9352 Datasheet HTML 7Page - Motorola, Inc MPC9352 Datasheet HTML 8Page - Motorola, Inc MPC9352 Datasheet HTML 9Page - Motorola, Inc MPC9352 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MPC9352
MOTOROLA
TIMING SOLUTIONS
6
Table 7: DC CHARACTERISTICS (VCC = 2.5V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH=-15 mAa
VOL
Output Low Voltage
0.6
V
IOL= 15 mA
ZOUT
Output impedance
17 - 20
W
IIN
Input Current
±200
µA
VIN=VCC or GND
ICCA
Maximum PLL Supply Current
2.0
5.0
mA
VCCA Pin
ICCQb
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
a
The MPC9352 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines per
output.
bICCQ is the DC current consumption of the device with all outputs open in high impedance state and the inputs in its default state or open.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com