Electronic Components Datasheet Search
  English  ▼

X  

FPF2895 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2895
Description  28 V / 5 A Rated Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2895 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2895 Datasheet HTML 1Page - ON Semiconductor FPF2895 Datasheet HTML 2Page - ON Semiconductor FPF2895 Datasheet HTML 3Page - ON Semiconductor FPF2895 Datasheet HTML 4Page - ON Semiconductor FPF2895 Datasheet HTML 5Page - ON Semiconductor FPF2895 Datasheet HTML 6Page - ON Semiconductor FPF2895 Datasheet HTML 7Page - ON Semiconductor FPF2895 Datasheet HTML 8Page - ON Semiconductor FPF2895 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
October 2016
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FPF2895 • 1.15
FPF2895
28 V / 5 A Rated Current Limit Switch with OVP and
TRCB
Features
28 V / 5 A Capability
Wide Input Voltage Range: 4 V ~ 22 V
Ultra Low On-Resistance
- Typ. 27 mΩ at 5 V and 25 °C
Adjustable Current Limit with external RSET
- 500 mA ~ 5 A
Selectable OVLO with OV1 and OV2 Logic Input
- 5.95 V ± 50 mV
- 10 V ± 100 mV
- 14 V ± 280 mV
- 23 V ± 460 mV
Selectable ON Polarity
Selectable Over-Current Behavior
- Auto-Restart Mode
- Current Source Mode
True Reverse Current Block
Thermal Shutdown
Open Drain Fault FLAGB Output
UL60950-1 & IEC 60950-1 Certification 5 A Max
Loading
Robust ESD Capability
- 2 kV HBM & 1 kV CDM
- 15 kV Air Discharge & 8 kV Contact Discharge
under IEC 61000-4-2
Description
The FPF2895 features a 28 V and 5 A rated current limit
power switch, which offers Over-Current Protection
(OCP), Over-Voltage Protection (OVP), and True
Reverse Current Block (TRCB) to protect system. It has
low On-resistance of typical 27
mΩ with WL-CSP can
operate over an input voltage range of 4 V to 22 V.
The FPF2895 supports ±10% of current limit accuracy,
over-current range of 500 mA to 5 A, flexible operations
such as selectable OVP, selectable ON polarity and
selectable OCP behavior, which can be optimized
according to system requirements.
The FPF2895 is available in a 24-bump, 1.67 mm x
2.60 mm Wafer-Level Chip-Scale Package (WL-CSP)
with 0.4 mm pitch.
Applications
Laptop, Desktop Computing and Monitor
Power Accessories
Related Resources
www.fairchildsemi.com
Ordering Information
Part Number
Operating Temperature
Range
Top Mark
Package
Packing
Method
FPF2895UCX
-40°C
– +85°C
T9
24-Ball, 0.4 mm Pitch WLCSP
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com