Electronic Components Datasheet Search
  English  ▼

X  

FPF2895 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FPF2895
Description  28 V / 5 A Rated Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2895 Datasheet(HTML) 3 Page - ON Semiconductor

  FPF2895 Datasheet HTML 1Page - ON Semiconductor FPF2895 Datasheet HTML 2Page - ON Semiconductor FPF2895 Datasheet HTML 3Page - ON Semiconductor FPF2895 Datasheet HTML 4Page - ON Semiconductor FPF2895 Datasheet HTML 5Page - ON Semiconductor FPF2895 Datasheet HTML 6Page - ON Semiconductor FPF2895 Datasheet HTML 7Page - ON Semiconductor FPF2895 Datasheet HTML 8Page - ON Semiconductor FPF2895 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FPF2895
• 1.15
2
Application Diagram
FPF2895
VIN
VOUT
POL
NC
GND
FLAGB
GPIO
ON
ISET
CIN
RSET
COUT
OC_MODE
VIO
Power
Source
MCU
OV1
OV2
Periphrals
Figure 1.
Typical Application
Block Diagram
FPF2895
GND
FLAGB
ISET
VOUT
VIN
ON
OVLO
UVLO
Current
Limit
Thermal
Shutdown
POL
POL
SEL
OC_MODE
NC
Control Logic w/
Charge Pump
OV1
OV2
OVP
SEL
Figure 2.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com