Electronic Components Datasheet Search
  English  ▼

X  

FPF2702MPX Datasheet(PDF) 13 Page - ON Semiconductor

Part # FPF2702MPX
Description  Adjustable Over-Current Protection Load Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2702MPX Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FPF2702MPX Datasheet HTML 9Page - ON Semiconductor FPF2702MPX Datasheet HTML 10Page - ON Semiconductor FPF2702MPX Datasheet HTML 11Page - ON Semiconductor FPF2702MPX Datasheet HTML 12Page - ON Semiconductor FPF2702MPX Datasheet HTML 13Page - ON Semiconductor FPF2702MPX Datasheet HTML 14Page - ON Semiconductor FPF2702MPX Datasheet HTML 15Page - ON Semiconductor FPF2702MPX Datasheet HTML 16Page - ON Semiconductor FPF2702MPX Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2700 / FPF2701 / FPF2702
• Rev. 1.0.3
12
Table 1.
RSET Selection Guide
RSET
(k)
Current Limit [A]
Tol. (%)
Min.
Typ.
Max.
111
2.00
2.50
3.00
20
124
1.79
2.24
2.69
20
147
1.51
1.89
2.27
20
182
1.22
1.52
1.83
20
220
1.01
1.26
1.51
20
274
0.81
1.01
1.22
20
374
0.59
0.74
0.89
20
549
0.40
0.51
0.61
20
Figure 36. ILIM vs. RSET
Under-Voltage Lockout (UVLO)
The under-voltage lockout feature turns off the switch if
the input voltage drops below the under-voltage lockout
threshold. With the ON pin active (ON pin pulled LOW),
the input voltage rising above the under-voltage lockout
threshold causes a controlled turn-on of the switch
(Figure 37). The UVLO threshold voltage is set internally
at 2.5 V for VIN rising. The under-voltage lockout
threshold has a 0.1 V hysteresis.
VIN
ON
FLAGB
Device Wake up
UVLO Threshold
VOUT
10%VOUT
90%VOUT
Rise time
Figure 37. Under-Voltage Lockout Performance
Power Good
FPF270X has a power good feature. The PGOOD pin is
an open-drain MOSFET that asserts HIGH when the
output voltage reaches 90% of the input voltage (Figure
26). A typical 3% PGOOD hysteresis is added to
PGOOD to prevent PGOOD from chattering as VOUT
falls near the PGOOD threshold voltage.
The PGOOD pin requires an external pull-up resistor
connected to an external voltage source compatible with
input levels of other chips connected to this pin.
PGOOD is kept LOW when the device is inactive. To
save current in the OFF state, the pull-up resistor of the
PGOOD pin can be connected to the output voltage
when there is no battery, provided that compatibility with
the input levels of other devices connected to PGOOD
is observed. A typical value of 100
kΩ is recommended
for the pull up resistor. When the power-good feature is
not used in the application, the PGOOD pin can be
connected to GND.
Thermal Shutdown
Thermal shutdown protects the die from internally or
externally generated excessive temperatures. During an
over-temperature
condition;
as
the
temperature
increases above 140°C, FLAGB is activated and the
switch is turned off.
When the die cools down sufficiently (die temperature
drops
below
the
threshold
level),
the
switch
automatically turns on again. To avoid unwanted
thermal oscillations, a 30°C (typical) thermal hysteresis
is implemented between thermal shutdown entry and
exit temperatures. Proper board layout is required to
prevent premature thermal shutdown (see Figure 38 for
thermal shutdown behavior on FPF2702)
.
VIN
ON
FLAGB
Thermal Cycling
IOUT
Over
current
condition
ILIM
2V
VOUT
Device cools off
Figure 38. FPF2702 Thermal Shutdown Behavior
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
100
200
300
400
500
600
RSET (k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com