Electronic Components Datasheet Search
  English  ▼

X  

FPF2702MPX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2702MPX
Description  Adjustable Over-Current Protection Load Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2702MPX Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2702MPX Datasheet HTML 1Page - ON Semiconductor FPF2702MPX Datasheet HTML 2Page - ON Semiconductor FPF2702MPX Datasheet HTML 3Page - ON Semiconductor FPF2702MPX Datasheet HTML 4Page - ON Semiconductor FPF2702MPX Datasheet HTML 5Page - ON Semiconductor FPF2702MPX Datasheet HTML 6Page - ON Semiconductor FPF2702MPX Datasheet HTML 7Page - ON Semiconductor FPF2702MPX Datasheet HTML 8Page - ON Semiconductor FPF2702MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
December 2013
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2700 / FPF2701 / FPF2702 • Rev. 1.0.3
FPF2700 / FPF2701 / FPF2702
— AccuPower™ 0.4~2 A
Adjustable Over-Current Protection Load Switches
Features
2.8 V to 36 V Input Voltage Range
Typical R
DS(ON)=88 m
0.4 A to 2 A Adjustable Current Limit (Min.)
Slew Rate Controlled
ESD Protected, above 2000 V HBM
Thermal Shutdown
Active LOW Enable
UVLO Protection
Power-Good Output
Applications
Motor Drives
Digital Cameras
Consumer Electronics
Industrial
Computing
Hard Disk Drives
Telecom Equipment
Figure 1. MLP (Top View) Figure 2. MLP (Bottom View)
Figure 3. SO8 (Top View)
Description
The AccuPower
™ FPF270X series is a family of
current-limit load switches that provide full protection to
systems and loads from excess current conditions.
Minimum current limit is adjustable from 0.4 A to 2.0 A.
The FPF270X contains a slew-rate-controlled N-channel
MOSFET and slew-rated turn-on to prevent power bus
disturbances from being caused by
“hot plugging” loads
or momentary excess load demands. The input voltage
range is 2.8 V to 36 V. Loads can be activated or
deactivated with a low-voltage logic-compatible ON pin.
Fault conditions can be monitored using the error flag
pin and/or the power-good pin.
Each member of the FPF270X family serves a category
of load-fault response. All devices clamp the load
current
so
that
it
cannot
exceed
an
externally
programmed current level. An over temperature feature
provides further device protection in case of excessive
levels of power dissipation.
FPF2700 responds to an overload condition that lasts
longer than a fixed blanking period by turning off the
load, followed by a retry after the auto-restart time.
FPF2701 responds to an overload condition that lasts
longer than a fixed blanking period by latching off the
load. The load remains off unless either the ON pin is
toggled or the input voltage cycles through UVLO.
FPF2702 is intended to be used with external fault
management. Like the FPF2700 and FPF2701, it sets
the fault signal pin LOW when it activates current
clamping. This device is intended for applications where
external fault management coordinates the overload
response with the FPF2702.
The FPF270X is available in a space-saving, Lead and
Halogen free, 8-lead, MLP 3x3 mm and SO8 packages.
Ordering Information
Part
Number
Current Limit [A]
Current Limit
Blanking Time [ms]
Auto-Restart
Time [ms]
ON Pin
Activity
Package
FPF2700MPX
0.4
– 2.0
0.5
127.5
Active LOW
MLP3X3
FPF2701MPX
0.4
– 2.0
0.5
NA
Active LOW
MLP3X3
FPF2702MPX
0.4
– 2.0
NA
NA
Active LOW
MLP3X3
FPF2700MX
0.4
– 2.0
0.5
127.5
Active LOW
SO8
FPF2701MX
0.4
– 2.0
0.5
NA
Active LOW
SO8
FPF2702MX
0.4
– 2.0
NA
NA
Active LOW
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com