Electronic Components Datasheet Search
  English  ▼

X  

SSM2166SZ Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2166SZ
Description  Microphone Preamplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166SZ Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2166SZ Datasheet HTML 5Page - Analog Devices SSM2166SZ Datasheet HTML 6Page - Analog Devices SSM2166SZ Datasheet HTML 7Page - Analog Devices SSM2166SZ Datasheet HTML 8Page - Analog Devices SSM2166SZ Datasheet HTML 9Page - Analog Devices SSM2166SZ Datasheet HTML 10Page - Analog Devices SSM2166SZ Datasheet HTML 11Page - Analog Devices SSM2166SZ Datasheet HTML 12Page - Analog Devices SSM2166SZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
SSM2166
Rev. F | Page 13 of 13
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 26. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2166SZ
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
SSM2166SZ-REEL
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
SSM2166SZ-REEL7
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
1 Z = RoHS Compliant Part.
Top Branding Revision Reflecting Die Replacement
Version
Original Die Revision (Prior to Rev. C of Data Sheet)
New Die Revision (Rev. C to Current Revision of Data Sheet)
Pb-Free (RoHS) Version
Top Line 1: SSM
Top Line 1: SSM
Top Line 2: 2166
Top Line 2: 2166A1
Top Line 3: # XXXX2
Top Line 3: # XXXX2
1 Letter A designates new die revision; refer to revised external component values in Figure 5, Figure 6, Figure 9, and Figure 19.
2 # designates RoHS version.
©1996–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00357-0-5/16(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com