Electronic Components Datasheet Search
  English  ▼

X  

SSM3302 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 5 Page - Analog Devices

  SSM3302 Datasheet HTML 1Page - Analog Devices SSM3302 Datasheet HTML 2Page - Analog Devices SSM3302 Datasheet HTML 3Page - Analog Devices SSM3302 Datasheet HTML 4Page - Analog Devices SSM3302 Datasheet HTML 5Page - Analog Devices SSM3302 Datasheet HTML 6Page - Analog Devices SSM3302 Datasheet HTML 7Page - Analog Devices SSM3302 Datasheet HTML 8Page - Analog Devices SSM3302 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
SSM3302
Rev. A | Page 5 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ISYAVDD
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 15 V, VREGEN = AGND
(internal VREG disabled)
5.85
mA
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 12 V, VREGEN = AGND
(internal VREG disabled)
5.8
mA
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 7 V, VREGEN = AGND
(internal VREG disabled)
5.6
mA
Shutdown Current
ISD
SD = AGND
10
µA
ANALOG SUPPLY
External Supply Voltage
AVDD
Permissible range for external AVDD, VREGEN = AGND
4.5
5.5
V
On-Board Regulator
VVREG
5
V
Regulator Current
IVREG
20
mA
Regulator Power Supply
Rejection
PSRRVREG
70
dB
GAIN CONTROL
Closed-Loop Voltage Gain
AV
See Table 5 for gain options
9
24
dB
Input Impedance
ZIN
40
kΩ
SHUTDOWN CONTROL
Input Voltage High
VIH
1.35
V
Input Voltage Low
VIL
0.35
V
Turn-On Time
tWU
SD rising edge from AGND to AVDD
40
ms
Turn-Off Time
tSD
SD falling edge from AVDD to AGND
500
µs
Output Impedance
ZOUT
SD = GND
56
kΩ
AMPLIFIER PROTECTION
Overcurrent Threshold
IOC
6
A
Overtemperature
Warning
TWARN
120
°C
Overtemperature
Shutdown
TSD
145
°C
Recovery Temperature
TREC
85
°C
NOISE PERFORMANCE
Output Voltage Noise
en
PVDD = 12 V, f = 20 Hz to 20 kHz, inputs are ac grounded,
gain = 9 dB, A-weighted
100
µV rms
Signal-to-Noise Ratio
SNR
PO = 10 W, RL = 8 Ω
98
dB
1
Although the SSM3302 has good audio quality above 2 × 10 W into 4 Ω, continuous output power beyond 2 × 10 W into 4 Ω must be avoided due to device packaging
limitations.
2
Mono mode. Output power beyond 20 W needs special care for thermally considered printed circuit board (PCB) design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com