Electronic Components Datasheet Search
  English  ▼

X  

SSM3302 Datasheet(PDF) 18 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 18 Page - Analog Devices

Back Button SSM3302 Datasheet HTML 12Page - Analog Devices SSM3302 Datasheet HTML 13Page - Analog Devices SSM3302 Datasheet HTML 14Page - Analog Devices SSM3302 Datasheet HTML 15Page - Analog Devices SSM3302 Datasheet HTML 16Page - Analog Devices SSM3302 Datasheet HTML 17Page - Analog Devices SSM3302 Datasheet HTML 18Page - Analog Devices SSM3302 Datasheet HTML 19Page - Analog Devices SSM3302 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SSM3302
Data Sheet
Rev. A | Page 18 of 20
POWER SUPPLY DECOUPLING
To ensure high efficiency, low total harmonic distortion, and high
power supply rejection ratio, proper power supply decoupling
is necessary. Noise transients on the power supply lines are
short-duration voltage spikes. These spikes can contain frequency
components that extend into the hundreds of megahertz. Decouple
the power supply input with a good quality, low ESL, low ESR
bulk capacitor larger than 220 µF. This capacitor bypasses low
frequency noises to the ground plane.
For high frequency transient noises, place two separate 1 µF
capacitors as close as possible to the PVDD pins of the device.
Connect one of the 1 µF capacitors between the left-side PVDD
terminals and PGND terminals, and connect the other 1 µF
capacitor between the right-side PVDD terminals and PGND
terminals. Placing the decoupling capacitor as close as possible
to the SSM3302 helps to achieve the best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com