Electronic Components Datasheet Search
  English  ▼

X  

ARJM11 Datasheet(PDF) 5 Page - Abracon Corporation

Part # ARJM11
Description  RJ45 SINGLE PORT 100/1000/2.5G/5G BASE-T MAGNETICS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJM11 Datasheet(HTML) 5 Page - Abracon Corporation

  ARJM11 Datasheet HTML 1Page - Abracon Corporation ARJM11 Datasheet HTML 2Page - Abracon Corporation ARJM11 Datasheet HTML 3Page - Abracon Corporation ARJM11 Datasheet HTML 4Page - Abracon Corporation ARJM11 Datasheet HTML 5Page - Abracon Corporation ARJM11 Datasheet HTML 6Page - Abracon Corporation ARJM11 Datasheet HTML 7Page - Abracon Corporation ARJM11 Datasheet HTML 8Page - Abracon Corporation ARJM11 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78751
Phone: 512.371.6159 | email: abinfo@abracon.com
For terms and conditions of sales visit:
www.abracon.com
REVISED:
08.20.2018
RJ45 SINGLE PORT 100/1000/2.5G/5G BASE-T MAGNETICS
ARJM11
LLC
21.30 x 15.90 x 13.60mm
21.30 x 15.90 x 13.80mm
MSL = 1
RoHS/RoHS II Compliant
C: Tab up, w/ EMI Fingers
D: Tab up, w/o EMI Fingers
Pin Layout = 7 (Tab up, Mechanical = C or D)
8 Pins, no LED
For 100 Base-T
10 Pins, no LED
For 100&PoE/1000/2.5G/5G Base-T
10 Pins, w/ LED
For 100&PoE/1000/2.5G/5G Base-T
8 Pins, w/ LED
For 100 Base-T
MECHANICAL DIMENSIONS
Dimensions: mm[inch] (Unless otherwise specified, all tolerances are ±0.25[0.010])



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com