Electronic Components Datasheet Search
  English  ▼

X  

ARJM11 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARJM11
Description  RJ45 SINGLE PORT 100/1000/2.5G/5G BASE-T MAGNETICS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJM11 Datasheet(HTML) 1 Page - Abracon Corporation

  ARJM11 Datasheet HTML 1Page - Abracon Corporation ARJM11 Datasheet HTML 2Page - Abracon Corporation ARJM11 Datasheet HTML 3Page - Abracon Corporation ARJM11 Datasheet HTML 4Page - Abracon Corporation ARJM11 Datasheet HTML 5Page - Abracon Corporation ARJM11 Datasheet HTML 6Page - Abracon Corporation ARJM11 Datasheet HTML 7Page - Abracon Corporation ARJM11 Datasheet HTML 8Page - Abracon Corporation ARJM11 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78751
Phone: 512.371.6159 | email: abinfo@abracon.com
For terms and conditions of sales visit:
www.abracon.com
REVISED:
08.20.2018
RJ45 SINGLE PORT 100/1000/2.5G/5G BASE-T MAGNETICS
ARJM11
LLC
21.30 x 15.90 x 13.60mm
21.30 x 15.90 x 13.80mm
MSL = 1
RoHS/RoHS II Compliant
FEATURES
APPLICATIONS
• Internet of Things (Ethernet)
• IP cameras, surveillance, and phone
• Access points
• Industrial computers
• Network interface cards (NIC)
• Industrial process control
• Networking and communications
• Broadcast video
• Storage
• Set top box and video
• Power over Ethernet (PoE)
• Test and Measurement
• Multifunction Printers (MFP)
• 10/100Base-T, 1000Base-T, 2.5GBase-T or 5GBase-T
• Supports PoE and PoE+ (10/100Base-T)
• Compatible with surface mount with Paste in hole (PIH)
technology
• -40°C to 85°C or 0°C to 70°C operating temperature range
• Combinations of green, yellow, orange, and red LED
ARJM11
-
-
-
Mechanical
A: Tab down, w/ EMI Finger
B: Tab down, w/o EMI Finger
C: Tab up, w/ EMI Finger
D: Tab up, w/o EMI Finger
Pin Layout
1: for A and B
3: for A and B
7: for C and D
Schematics
100 Base-T:
009,
001, 007, 008, 010
100 Base-T &
PoE:
104, 114, 116, 130
1000 Base-T:
502,
504, 516, 517, 559,
576, 577, 628, 634
2.5G Base-T:
805, 809
5G Base-T:
811
Left LED color
N: No LED
A: Green
B: Yellow
C: Red
D: Orange
J: Green/Yellow
K: Green/Orange
L: Green/Red
M: Red/Yellow
Right LED
color
N: No LED
A: Green
B: Yellow
C: Red
D: Orange
J: Green/Yellow
K: Green/Orange
L: Green/Red
M: Red/Yellow
Operating
Temperature
C: 0 ~ 70 °C
E: -40 ~ 85 °C
Soldering
Method
W: Wave
R: Reflow
Gold Plating
0: Gold Flash
1: 3u”
2: 6u”
3: 15u”
4: 30u”
5: 50u”
Packaging
Blank: Bulk
T: Tape&Reel
OPTIONS AND PART IDENTIFICATION
*(Please See Machanical Section)
*(Please See Schematics Section)
The ARJM11 series of RJ45 jacks with internal magnetics supports a wide range of configurations in 10/100Base-T, 1000Base-T,
2.5GBase-T and 5GBase-T applications. This series offers the ability to mix and match physical orientation of the tab, pin layouts,
EMI fingers, LED colors and plating options while providing PoE and PoE+ options for 10/100Base-T rates. All configurations in the
product series support paste in hole (PIH), a technology that allows through-hole components to be compatible with surface mount reflow
assembly processes. All devices are rated to 0°C to 70°C or -40°C to 85°C operating temperature range.
SERIES DESCRIPTION
*NRE may apply to some configurations.
Example Configurations
ARJM11 A1-001 -AB- C W 2
(Tab down, w/ EMI, 100Base-T, w/LED G/Y, commercial
grade, 6µ” Gold, Tray Packaging)
ARJM11 D7-502 -NN- E R 4 - T
(Tab up, w/o EMI, 1000Base-T, no LED, industrial grade,
reflow soldering, 30µ” Gold, Tape & Reel)


Similar Part No. - ARJM11

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-1001 ABRACON-ARJ-1001 Datasheet
628Kb / 2P
GIGABIT RJ45 LAN MAGNETIC
ARJ-1002 ABRACON-ARJ-1002 Datasheet
628Kb / 2P
GIGABIT RJ45 LAN MAGNETIC
ARJ-1003 ABRACON-ARJ-1003 Datasheet
628Kb / 2P
GIGABIT RJ45 LAN MAGNETIC
ARJ-1004 ABRACON-ARJ-1004 Datasheet
628Kb / 2P
GIGABIT RJ45 LAN MAGNETIC
ARJ-101 ABRACON-ARJ-101 Datasheet
655Kb / 2P
TAP DOWN RJ45 LAN MAGNETIC
More results

Similar Description - ARJM11

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F1P2014 BOTHHAND-F1P2014 Datasheet
155Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
F1P6014 BOTHHAND-F1P6014 Datasheet
159Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
FVP2014 BOTHHAND-FVP2014 Datasheet
231Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
FVP6014 BOTHHAND-FVP6014 Datasheet
232Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
FVP6115 BOTHHAND-FVP6115 Datasheet
191Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
G1PM109N1LF BOTHHAND-G1PM109N1LF Datasheet
113Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
QGS6115 BOTHHAND-QGS6115 Datasheet
156Kb / 2P
10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
logo
VITALCONN ELECTRONICS H...
TC48010S VITALCONN-TC48010S Datasheet
1Mb / 3P
2.5G/5G BASE-T Dual Port MAGNETICS MODULES SUPPORTS POE PLUS
2022/04/25 REV:A1
TK48010S VITALCONN-TK48010S Datasheet
1,005Kb / 3P
2.5G BASE-T DUAL PORT MAGNETICS MODULES
2023/01/09 REV:A1
TK48010S1 VITALCONN-TK48010S1 Datasheet
1,014Kb / 3P
2.5G BASE-T DUAL PORT MAGNETICS MODULES
2023/01/09 REV:A1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com