Electronic Components Datasheet Search
  English  ▼

X  

LM285 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM285
Description  Micropower Voltage Reference Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285 Datasheet(HTML) 1 Page - ON Semiconductor

  LM285 Datasheet HTML 1Page - ON Semiconductor LM285 Datasheet HTML 2Page - ON Semiconductor LM285 Datasheet HTML 3Page - ON Semiconductor LM285 Datasheet HTML 4Page - ON Semiconductor LM285 Datasheet HTML 5Page - ON Semiconductor LM285 Datasheet HTML 6Page - ON Semiconductor LM285 Datasheet HTML 7Page - ON Semiconductor LM285 Datasheet HTML 8Page - ON Semiconductor LM285 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 9
1
Publication Order Number:
LM285/D
LM285, LM385B
Micropower Voltage
Reference Diodes
The LM285/LM385 series are micropower two−terminal bandgap
voltage regulator diodes. Designed to operate over a wide current
range of 10
mA to 20 mA, these devices feature exceptionally low
dynamic impedance, low noise and stable operation over time and
temperature. Tight voltage tolerances are achieved by on−chip
trimming. The large dynamic operating range enables these devices to
be used in applications with widely varying supplies with excellent
regulation. Extremely low operating current make these devices ideal
for micropower circuitry like portable instrumentation, regulators and
other analog circuitry where extended battery life is required.
The LM285/LM385 series are packaged in a low cost TO−226
plastic case and are available in two voltage versions of 1.235 V and
2.500 V as denoted by the device suffix (see Ordering Information
table). The LM285 is specified over a −40
°C to +85°C temperature
range while the LM385 is rated from 0
°C to +70°C.
The LM385 is also available in a surface mount plastic package in
voltages of 1.235 V and 2.500 V.
Features
• Operating Current from 10 mA to 20 mA
• 1.0%, 1.5%, 2.0% and 3.0% Initial Tolerance Grades
• Low Temperature Coefficient
• 1.0 W Dynamic Impedance
• Surface Mount Package Available
• These Devices are Pb−Free and are RoHS Compliant
Figure 1. Representative Schematic Diagram
Open
for 1.235 V
10 k
Cathode
Anode
100 k
500
W
600 k
600 k
425 k
74.3 k
8.45 k
600 k
360 k
Open
for 2.5 V
-
+
LM385−1.2
1.235 V
3.3 k
1.5 V
Battery
Standard Application
SOIC−8
D SUFFIX
CASE 751
www.onsemi.com
(Bottom View)
3
12
8
7
6
5
Cathode
N.C.
N.C.
N.C.
4
3
2
Anode
N.C.
N.C.
1
N.C.
N.C.
Cathode
Anode
TO−92
(TO−226)
Z SUFFIX
CASE 29
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
xxx
= 1.2 or 2.5
y
= 2 or 3
z
= 1 or 2
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
LMy85
Z−xxx
ALYW
G
G
1
8
(Note: Microdot may be in either location)
y85−z
ALYW
G
1
8


Similar Part No. - LM285

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
MICROPOWER VOLTAGE REFERENCE DIODES
logo
Texas Instruments
LM285 TI-LM285 Datasheet
307Kb / 15P
MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM285 NSC-LM285 Datasheet
713Kb / 14P
Adjustable Micropower Voltage References
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285 Datasheet
88Kb / 9P
Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
More results

Similar Description - LM285

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
ON Semiconductor
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com