Electronic Components Datasheet Search
  English  ▼

X  

LM285 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM285
Description  Micropower Voltage Reference Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285 Datasheet(HTML) 2 Page - ON Semiconductor

  LM285 Datasheet HTML 1Page - ON Semiconductor LM285 Datasheet HTML 2Page - ON Semiconductor LM285 Datasheet HTML 3Page - ON Semiconductor LM285 Datasheet HTML 4Page - ON Semiconductor LM285 Datasheet HTML 5Page - ON Semiconductor LM285 Datasheet HTML 6Page - ON Semiconductor LM285 Datasheet HTML 7Page - ON Semiconductor LM285 Datasheet HTML 8Page - ON Semiconductor LM285 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM285, LM385B
www.onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Ambient Temperature Range
LM285
LM385
TA
−40 to +85
0 to +70
°C
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−65 to + 150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
ESD
4000
400
2000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
LM285−1.2
LM385−1.2/LM385B−1.2
Unit
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285−1.2/LM385B−1.2
TA = Tlow to Thigh (Note 1)
LM385−1.2
TA = Tlow to Thigh (Note 1)
V(BR)R
1.223
1.200
−
−
1.235
−
−
−
1.247
1.270
−
−
1.223
1.210
1.205
1.192
1.235
−
1.235
−
1.247
1.260
1.260
1.273
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
−
−
8.0
−
10
20
−
8.0
−
15
20
mA
Reverse Breakdown Voltage Change with Current
IRmin v IR v 1.0 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
1.0 mA
v IR v 20 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
DV(BR)R
−
−
−
−
−
−
−
−
1.0
1.5
10
20
−
−
−
−
−
−
−
−
1.0
1.5
20
25
mV
Reverse Dynamic Impedance
IR = 100 mA, TA = +25°C
Z
−
0.6
−
−
0.6
−
W
Average Temperature Coefficient
10
mA v IR v 20 mA, TA = Tlow to Thigh (Note 1)
DV(BR)/DT
−
80
−
−
80
−
ppm/
°C
Wideband Noise (RMS)
IR = 100 mA, 10 Hz v f v 10 kHz
n
−
60
−
−
60
−
mV
Long Term Stability
IR = 100 mA, TA = +25°C ± 0.1°C
S
−
20
−
−
20
−
ppm/kHR
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285−2.5/LM385B−2.5
TA = Tlow to Thigh (Note 1)
LM385−2.5
TA = Tlow to Thigh (Note 1)
V(BR)R
2.462
2.415
−
−
2.5
−
−
−
2.538
2.585
−
−
2.462
2.436
2.425
2.400
2.5
−
2.5
−
2.538
2.564
2.575
2.600
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
−
−
13
−
20
30
−
−
13
−
20
30
mA
1. Tlow
= −40
°C for LM285−1.2, LM285−2.5
Thigh = +85°C for LM285−1.2, LM285−2.5
Tlow
= 0
°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5
Thigh =+70°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com