Electronic Components Datasheet Search
  English  ▼

X  

SCA-16 Datasheet(PDF) 3 Page - Stanford Microdevices

Part # SCA-16
Description  DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-16 Datasheet(HTML) 3 Page - Stanford Microdevices

  SCA-16 Datasheet HTML 1Page - Stanford Microdevices SCA-16 Datasheet HTML 2Page - Stanford Microdevices SCA-16 Datasheet HTML 3Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCA-16 DC-3 GHz Cascadable MMIC Amplifier
Absolute Maximum Ratings
Pa r a m e t e r
Ab s o lu t e
Ma x im u m
D e vi ce C u r r e n t
7 5 m A
P o we r Di s s i p a t io n
3 5 0 m W
R F In p u t P o w e r
1 0 0 m W
J u n c ti on Te m p er a t u r e
+ 200 C
O p e r ati n g Te m per a tur e
- 45 C to + 8 5 C
S tor a g e Te m p er ature
- 65 C to + 1 5 0 C
Notes:
1. Operation of this device above any one of these
parameters may cause permanent damage.
MTTF vs. Temperature
@ Id = 50mA
Thermal Resistance (Lead-Junction): 510° C/W
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
Typical Biasing Configuration
Lead
Temperature
MTTF (hrs)
+55C
1,000,000
+90C
100,000
+120C
10,000
Outline Drawing
Pin Designation
1RF in
2GND
3
RF out and Bias
4GND
Mounting Instructions
The data shown was taken on a 31mil thick FR-4 board with
1 ounce of copper on both sides.
The board was mounted to a baseplate with 3 screws as shown.
The screws bring the top side copper temperature to the same
value as the baseplate.
1. Use 1 or 2 ounce copper, if possible.
2. Solder the copper pad on the backside of the device
package to the ground plane.
3. Use a large ground pad area with many plated through-holes
as shown.
4. If possible, use at least one screw no more than 0.2 inch
from the device package to provide a low thermal resistance
path to the baseplate of the package.
5. Thermal resistance from ground lead to screws is
2 deg. C/W.
1
2
3
4
Recommended Bias Resistor Values
Supply Voltage (Vs)
5V
7.5V
9V
12V
15V
20V
Rbias (Ohms
)
20
70
100
160
220
320
5-151
SCA-16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com