Electronic Components Datasheet Search
  English  ▼

X  

STP12NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12NK80Z
Description  N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP12NK80Z Datasheet HTML 1Page - STMicroelectronics STP12NK80Z Datasheet HTML 2Page - STMicroelectronics STP12NK80Z Datasheet HTML 3Page - STMicroelectronics STP12NK80Z Datasheet HTML 4Page - STMicroelectronics STP12NK80Z Datasheet HTML 5Page - STMicroelectronics STP12NK80Z Datasheet HTML 6Page - STMicroelectronics STP12NK80Z Datasheet HTML 7Page - STMicroelectronics STP12NK80Z Datasheet HTML 8Page - STMicroelectronics STP12NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 2
September 2005
1/15
15
STB12NK80Z
STP12NK80Z - STW12NK80Z
N-CHANNEL 800V - 0.65
Ω - 10.5A - TO220-D²PAK-TO247
Zener-Protected SuperMESH™ MOSFET
General features
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEABILITY
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Applications
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTOR AND PFC
Order codes
Package
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB12NK80Z
STP12NK80Z
STW12NK80Z
800 V
800 V
800 V
<0.75
Ω
<0.75
Ω
<0.75
Ω
10.5 A
10.5 A
10.5 A
190 W
190 W
190 W
1
2
3
TO-220
D²PAK
1
2
3
TO-247
1
3
Sales Type
Marking
Package
Packaging
STB12NK80ZT4
B12NK80Z
D²PAK
TAPE & REEL
STP12NK80Z
P12NK80Z
TO-220
TUBE
STW12NK80Z
W12NK80Z
TO-247
TUBE
www.st.com


Similar Part No. - STP12NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
522Kb / 16P
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
27-Apr-2007
logo
New Jersey Semi-Conduct...
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
logo
STMicroelectronics
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
695Kb / 22P
N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
28-Aug-2012
More results

Similar Description - STP12NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
Oct-2002
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
Feb-2004
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
27-Apr-2007
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_06 Datasheet
492Kb / 19P
N-channel 600V - 0.65Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
19-Sep-2006
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
logo
New Jersey Semi-Conduct...
STW12NK80Z NJSEMI-STW12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com