Electronic Components Datasheet Search
  English  ▼

X  

STP12NK80Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP12NK80Z
Description  N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NK80Z Datasheet(HTML) 5 Page - STMicroelectronics

  STP12NK80Z Datasheet HTML 1Page - STMicroelectronics STP12NK80Z Datasheet HTML 2Page - STMicroelectronics STP12NK80Z Datasheet HTML 3Page - STMicroelectronics STP12NK80Z Datasheet HTML 4Page - STMicroelectronics STP12NK80Z Datasheet HTML 5Page - STMicroelectronics STP12NK80Z Datasheet HTML 6Page - STMicroelectronics STP12NK80Z Datasheet HTML 7Page - STMicroelectronics STP12NK80Z Datasheet HTML 8Page - STMicroelectronics STP12NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STB12NK80Z - STP12NK80Z - STW12NK80Z
2 Electrical characteristics
5/15
2.1
Electrical Characteristics (curves)
Figure 1.
Safe Operating Area for
TO-220/D²PAK
Figure 2.
Thermal Impedance for
TO-220/D²PAK
Figure 3.
Safe Operating Area for TO-247
Figure 4.
Thermal Impedance for TO-247
Figure 5.
Output Characteristics
Figure 6.
Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com