Electronic Components Datasheet Search
  English  ▼

X  

AD9804JST Datasheet(PDF) 4 Page - Analog Devices

Part # AD9804JST
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9804JST Datasheet(HTML) 4 Page - Analog Devices

  AD9804JST Datasheet HTML 1Page - Analog Devices AD9804JST Datasheet HTML 2Page - Analog Devices AD9804JST Datasheet HTML 3Page - Analog Devices AD9804JST Datasheet HTML 4Page - Analog Devices AD9804JST Datasheet HTML 5Page - Analog Devices AD9804JST Datasheet HTML 6Page - Analog Devices AD9804JST Datasheet HTML 7Page - Analog Devices AD9804JST Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
AD9804
–4–
Pin No.
Mnemonic
Type
Description
1, 2, 18, 24, 31
NC
NC
Internally Not Connected
34, 36, 45
3–12
D0–D9
DO
Digital Data Outputs
13
DRVDD
P
Digital Output Driver Supply
14
DRVSS
P
Digital Output Driver Ground
15, 41, 42, 44
DVSS
P
Digital Ground
16
DATACLK
DI
Digital Data Output Latch Clock
17, 40
DVDD
P
Digital Supply
19
PBLK
DI
Preblanking Clock Input
20
CLPOB
DI
Black Level Clamp Clock Input
21
SHP
DI
CDS Sampling Clock for CCD’s Reference Level
22
SHD
DI
CDS Sampling Clock for CCD’s Data Level
23
CLPDM
DI
Input Clamp Clock Input
25, 26, 35
AVSS
P
Analog Ground
27, 33
AVDD
P
Analog Supply
28
BYP1
AO
Internal Bias Level Decoupling
29
BYP2
AO
Internal Bias Level Decoupling
30
CCDIN
AI
Analog Input for CCD Signal
32
BYP4
AO
Internal Bias Level Decoupling
37
CML
AO
Internal Bias Level Decoupling
38
VRT
AO
A/D Converter Top Reference Voltage Decoupling
39
VRB
AO
A/D Converter Bottom Reference Voltage Decoupling
43
RSTB
DI
Chip Reset Control. Active Low
46
SL
DI
Serial Digital Interface Load Pulse.
47
SDATA
DI
Serial Digital Interface Data
48
SCK
DI
Serial Digital Interface Clock
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.
PIN FUNCTION DESCRIPTIONS
PIN CONFIGURATION
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38
43 42 41 40
37
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
36
35
34
33
32
31
30
29
28
27
26
25
NC
AVSS
NC
AVDD
BYP4
NC
CCDIN
NC
NC
(LSB) D0
D1
D2
D3
D4
NC = NO CONNECT
D5
D6
D7
D8
BYP2
BYP1
AVDD
AVSS
AD9804
(MSB) D9
AVSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com