Electronic Components Datasheet Search
  English  ▼

X  

LUT3-610 Datasheet(PDF) 4 Page - SICK AG

Part # LUT3-610
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LUT3-610 Datasheet(HTML) 4 Page - SICK AG

  LUT3-610 Datasheet HTML 1Page - SICK AG LUT3-610 Datasheet HTML 2Page - SICK AG LUT3-610 Datasheet HTML 3Page - SICK AG LUT3-610 Datasheet HTML 4Page - SICK AG LUT3-610 Datasheet HTML 5Page - SICK AG LUT3-610 Datasheet HTML 6Page - SICK AG LUT3-610 Datasheet HTML 7Page - SICK AG LUT3-610 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LUT3-610 | LUT3
LUMINESCENCE SENSORS
Dimensional drawing (Dimensions in mm (inch))
17
(.67)
80 (3.15)
52 (2.05)
28 (1.10)
13
(.51)
28 (1.10)
56 (2.20)
9 (.35)
M
5
3
1
5
4
Sensing distance
10 mm
Sensing distance
20/50 mm
2
3 (0.12)
4.1 (0.16)
①  M5 threaded mounting hole, 5.5 mm deep
②  Light spot direction
③  Center of optical axis
④  Connector M12 (rotatable up to 90°)
⑤  See dimensional drawings of lenses
Adjustments
ON
Q
Sensitivity
2
3
1
4
①  Function signal indicator (green)
②  Not assigned
③  Sensitivity control
④  Function signal indicator (yellow), switching output
Connection diagram
cd-086
+ (L+)
QNPN
- (M)
1
2
3
QPNP
4
BN
WH
BU
BK
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com