Electronic Components Datasheet Search
  English  ▼

X  

LUT3-610 Datasheet(PDF) 5 Page - SICK AG

Part # LUT3-610
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LUT3-610 Datasheet(HTML) 5 Page - SICK AG

  LUT3-610 Datasheet HTML 1Page - SICK AG LUT3-610 Datasheet HTML 2Page - SICK AG LUT3-610 Datasheet HTML 3Page - SICK AG LUT3-610 Datasheet HTML 4Page - SICK AG LUT3-610 Datasheet HTML 5Page - SICK AG LUT3-610 Datasheet HTML 6Page - SICK AG LUT3-610 Datasheet HTML 7Page - SICK AG LUT3-610 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LUT3-610 | LUT3
LUMINESCENCE SENSORS
Concept of operation
Potentiometer
Turn “Sensitivity” rotary switch
clockwise until yellow LED
illuminates.
1. Position mark
2. Position background
Sensitivity setting
t
Signal
strength
Mark signal
Switching threshold
Background signal
If yellow LED illuminates,
turn “Sensitivity” rotary switch
counter-clockwise until the
yellow LED just goes out.
Note
Adjustments are intendend for luminescence background suppression.
ON
Q Sensitivity
ON
Q Sensitivity
Characteristic curve
Sensing distance
1
2
3
300
250
200
150
100
50
0
Scan material:
SICK Luminescence reference 100 %
20
(0.79)
0
40
(1.57)
60
(2.36)
80
(3.15)
100
(3.94)
Sensing distance in mm (inch)
Switching
threshold
①  Sensing distance 10 mm
②  Sensing distance 20 mm
③  Sensing distance 50 mm
Light spot size
60
(2.4)
50
(2.0)
40
(1.6)
6 x 16
(0.2 x 0.6)
5 x 15
(0.2 x 0.6)
8 x 20
(0.3 x 0.8)
30
(1.2)
20
(0.8)
10
(0.4)
3 x 10
(0.1 x 0.4)
3 x 9
(0.1 x 0.4)
8 x 14
(0.3 x 0.6)
15
(0.6)
10
(0.4)
5
(0.2)
5 x 10
(0.2 x 0.4)
2 x 6
(0.1 x 0.2)
4 x 8
(0.2 x 0.3)
Distance
Distance
Distance
Sensing distance 10 mm
Sensing distance 20 mm
Sensing distance 50 mm
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com