Electronic Components Datasheet Search
  English  ▼

X  

SBR2045CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR2045CT
Description  20A SBR SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2045CT Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR2045CT Datasheet HTML 1Page - Diodes Incorporated SBR2045CT Datasheet HTML 2Page - Diodes Incorporated SBR2045CT Datasheet HTML 3Page - Diodes Incorporated SBR2045CT Datasheet HTML 4Page - Diodes Incorporated SBR2045CT Datasheet HTML 5Page - Diodes Incorporated SBR2045CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SBR2045CT/SBR2045CTFP
Document number: DS30958 Rev. 10 - 2
4 of 6
www.diodes.com
November 2016
© Diodes Incorporated
SBR2045CT
SBR2045CTFP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO220AB
E
Q
D1
D
ØP
L1
L
e
b
A1
A
H1
c
A2
b2
H1
D2
E1
e1
E/2
L2
TO220AB
Dim
Min
Max
Typ
A
3.56
4.82
-
A1
0.51
1.39
-
A2
2.04
2.92
-
b
0.39
1.01
0.81
b2
1.15
1.77
1.24
c
0.356 0.61
-
D
14.22 16.51
-
D1
8.39
9.01
-
D2 11.45 12.87
-
e
-
-
2.54
e1
-
-
5.08
E
9.66 10.66
-
E1
6.86
8.89
-
H1
5.85
6.85
-
L
12.70 14.73
-
L1
-
4.42
-
L2
15.80 17.51 16.00
P
3.54
4.08
-
Q
2.54
3.42
-
All Dimensions in mm
ITO220AB
SECTION B-B
ØP
E
5°
5°
Q
D1
D
ØP
b1
L
e
b
L1
B
B
A
A1
A2
c
5°
5°
ITO220AB
Dim
Min
Max
Typ
A
4.50
4.90
4.70
A1
3.04
3.44
3.24
A2
2.56
2.96
2.76
b
0.50
0.75
0.60
b1
1.10
1.35
1.20
c
0.50
0.70
0.60
D
15.67
16.07
15.87
D1
8.99
9.39
9.19
E
9.91
10.31
10.11
e
--
--
2.54
L
9.45
10.05
9.75
L1
15.80
16.20
16.00
P
2.98
3.38
3.18
Q
3.10
3.50
3.30
All Dimensions in mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com