Electronic Components Datasheet Search
  English  ▼

X  

SBR2045CT Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SBR2045CT
Description  20A SBR SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2045CT Datasheet(HTML) 5 Page - Diodes Incorporated

  SBR2045CT Datasheet HTML 1Page - Diodes Incorporated SBR2045CT Datasheet HTML 2Page - Diodes Incorporated SBR2045CT Datasheet HTML 3Page - Diodes Incorporated SBR2045CT Datasheet HTML 4Page - Diodes Incorporated SBR2045CT Datasheet HTML 5Page - Diodes Incorporated SBR2045CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SBR2045CT/SBR2045CTFP
Document number: DS30958 Rev. 10 - 2
5 of 6
www.diodes.com
November 2016
© Diodes Incorporated
SBR2045CT
SBR2045CTFP
Package Outline Dimensions (Cont.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
ITO220AB (Type E)
A
A1
D1
A2
c
e
b
b1
L
L1
D
Q
E
Ø
P
ITO220AB
(Type E)
Dim
Min
Max
A
4.36
4.77
A1
2.54
3.10
A2
2.54
2.80
b
0.55
0.75
b1
1.20
1.50
c
0.38
0.68
D
14.50
15.50
D1
8.38
8.89
e
2.41
2.67
E
9.72
10.27
L
9.87
10.67
L1
15.8
17.00
P
3.08
3.39
Q
2.60
3.00
All Dimensions in mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com