Electronic Components Datasheet Search
  English  ▼

X  

TPS3820 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3820
Description  Voltage Monitor With Watchdog Timer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3820 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS3820 Datasheet HTML 8Page - Texas Instruments TPS3820 Datasheet HTML 9Page - Texas Instruments TPS3820 Datasheet HTML 10Page - Texas Instruments TPS3820 Datasheet HTML 11Page - Texas Instruments TPS3820 Datasheet HTML 12Page - Texas Instruments TPS3820 Datasheet HTML 13Page - Texas Instruments TPS3820 Datasheet HTML 14Page - Texas Instruments TPS3820 Datasheet HTML 15Page - Texas Instruments TPS3820 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
3.3 V
V
DD
V
DD
RESET
TPS3820-33-Q1
Microprocessor
MR
WDI
I/O
GND
GND
RESET
0
6
200
400
600
800
4
2
0
1000
8
VDD − Threshold Overdrive − mV
10
WDI = Open
MR = Open
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
Typical Applications (continued)
9.2.1.2 Detailed Design Procedure
Determine which version of the TPS382x-xx-Q1 family best suits the functional performance required.
If the input supply is noisy, include an input capacitor to help avoid unwanted changes to the reset signal.
9.2.1.3 Application Curve
Figure 10. Minimum Pulse Duration at VDD vs VDD Threshold Overdrive
9.2.2 Decoupling WDI During Reset Event
If the application requires that the input to WDI is active when the reset signal is asserted, Figure 11 shows how
to decouple WDI from the active signal using an N-channel FET. The N-channel FET is placed in series with the
WDI pin, with the gate of the FET connected to the RESET output.
Figure 11. WDI Example
10 Power Supply Recommendations
These devices are designed to operate from an input supply with a voltage range from 1.1 V to 5.5 V. Though
not required, it is good analog design practice to place a 0.1-
μF ceramic capacitor close to the VDD pin if the
input supply is noisy.
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com